Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3425 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3425
Description  5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3425 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3425_15 Datasheet HTML 4Page - Linear Technology LTC3425_15 Datasheet HTML 5Page - Linear Technology LTC3425_15 Datasheet HTML 6Page - Linear Technology LTC3425_15 Datasheet HTML 7Page - Linear Technology LTC3425_15 Datasheet HTML 8Page - Linear Technology LTC3425_15 Datasheet HTML 9Page - Linear Technology LTC3425_15 Datasheet HTML 10Page - Linear Technology LTC3425_15 Datasheet HTML 11Page - Linear Technology LTC3425_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3425
8
3425f
PI FU CTIO S
GNDA–D (Pins 1, 2, 7, 8, 17, 18, 23, 24): Power Ground
for the IC and the Four Internal N-channel MOSFETs.
Connect directly to the power ground plane.
SWA–D (Pins 3, 6, 19, 22): Switch Pins. Connect induc-
tors here. Minimize trace length to keep EMI to a mini-
mum. For discontinuous inductor current, a controlled
impedance is internally connected from SW to VIN to
minimize EMI. For applications where VOUT > 4.3V, it is
required to have Schottky diodes from SW to VOUT or a
snubber circuit to stay within absolute maximum rating on
the SW pins.
VOUTA–D (Pins 4, 5, 20, 21): Output of the Four Synchro-
nous Rectifiers. Connect output filter capacitors to these
pins. Connect one low ESR ceramic capacitor directly
from each pin to the ground plane.
REFEN (Pin 9): Pull this pin above 1.4V to enable the REF
output. Grounding this pin turns the REF output off to
reduce quiescent current.
VOUTS (Pin 10): VOUT Sense Pin. Connect VOUTS directly to
an output filter capacitor. The top of the feedback divider
network should also be tied to this point.
SGND (Pin 11): Signal Ground Pin. Connect to ground
plane, near the feedback divider resistor.
FB (Pin 12): Feedback Pin. Connect FB to a resistor divider,
keeping the trace as short as possible. The output voltage
can be adjusted according to the following formula:
V
RR
R
OUT =
+
122
12
1
.•
where R1 is connected from FB to SGND and R2 is
connected from FB to VOUTS.
COMP (Pin 13): Error Amp Output. A frequency compen-
sation network is connected from this pin to ground to
compensate the loop. See the section Closing the Feed-
back Loop for guidelines.
BURST (Pin 14): Burst Mode Threshold Adjust Pin. A
resistor/capacitor combination from this pin to ground
programs the average load current at which automatic
Burst Mode operation is entered.
For manual control of Burst Mode operation, ground
BURST to force Burst Mode operation or connect it to VOUT
to force fixed frequency PWM mode. Note that BURST
must not be pulled higher than VOUT.
REFOUT (Pin 15): Buffered 1.22V Reference Output. This
pin can source up to 100
µA and sink up to 10µA (only
active when REFEN is pulled high). This pin must be
decoupled with a 0.1
µF capacitor for stability.
PGOOD (Pin 16): Open-Drain Output of the Power Good
Comparator. This pin will go low when the output voltage
drops 11% below its regulated value. Maximum sink
current should be limited to 10mA.
SYNCOUT (Pin 25): Sync Output Pin. A clock is provided
at the oscillator frequency, but phase-shifted 180 degrees
to allow for synchronizing two devices for an 8-phase
converter.
CCM (Pin 26): This pin is used to select forced continuous
conduction mode. Normally this pin is grounded to allow
CCM or DCM operation. To force continuous conduction
mode, tie this pin to VOUT. In this mode, a reverse current
of up to about 0.6A will be allowed before turning off the
synchronous rectifier. This will prevent pulse skipping at
light load when Burst Mode operation is disabled, and will
also improve the large-signal transient response when
going from a heavy load to a light load. For Burst Mode
operation, CCM should be low.


Similar Part No. - LTC3425_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425EUH LINER-LTC3425EUH Datasheet
276Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3425_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425 LINER-LTC3425 Datasheet
276Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
   5A Synchronous Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com