Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 5 Page - Linear Technology

  LTC3412_15 Datasheet HTML 1Page - Linear Technology LTC3412_15 Datasheet HTML 2Page - Linear Technology LTC3412_15 Datasheet HTML 3Page - Linear Technology LTC3412_15 Datasheet HTML 4Page - Linear Technology LTC3412_15 Datasheet HTML 5Page - Linear Technology LTC3412_15 Datasheet HTML 6Page - Linear Technology LTC3412_15 Datasheet HTML 7Page - Linear Technology LTC3412_15 Datasheet HTML 8Page - Linear Technology LTC3412_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3412
5
3412fb
TEMPERATURE (°C)
–40 –20
0
20
40
60
80
100 120
3412 G13
120
110
100
90
80
70
60
50
40
30
20
VIN = 3.3V
PFET ON-RESISTANCE
NFET ON-RESISTANCE
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
3412 G14
2.5
2.0
1.5
1.0
0.5
0
MAIN SWITCH
SYNCHRONOUS SWITCH
ROSC (kΩ)
50 150 250 350 450 550 650 750 850 950
3412 G15
4500
4000
3500
3000
2500
2000
1500
1000
500
0
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
3412 G16
1050
1040
1030
1020
1010
1000
990
R = 309k
TEMPERATURE (°C)
–40 –20
0
20
40
60
80
100 120
3412 G17
1010
1008
1006
1004
1002
1000
998
996
994
992
990
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
3412 G18
350
300
250
200
150
100
50
SLEEP
ACTIVE
TYPICAL PERFOR A CE CHARACTERISTICS
Switch On-Resistance
vs Temperature
Switch Leakage vs Input Voltage
Frequency vs ROSC
Frequency vs Input Voltage
Switching Frequency
vs Temperature
DC Supply Current
vs Input Voltage
350
300
250
200
150
100
50
0
TEMPERATURE (°C)
–40 –20
0
20
40
60
80
100 120
3412 G19
VIN = 3.3V
ACTIVE
SLEEP
BURST CLAMP VOLTAGE (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
3412 G20
4000
3500
3000
2500
2000
1500
1000
500
0
VIN = 3.3V
DC Supply Current vs Temperature
Minimum Peak Inductor Current
vs Burst Clamp Voltage
INPUT VOLTAGE (V)
2.75
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
4.25
5.25
3412 G21
3.25
3.75
4.75
Current Limit vs Input Voltage


Similar Part No. - LTC3412_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3412A LINER-LTC3412A Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Analog Devices
LTC3412A AD-LTC3412A Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
LTC3412A AD-LTC3412A Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results

Similar Description - LTC3412_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com