Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1206 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology LT1206 Datasheet HTML 10Page - Linear Technology LT1206 Datasheet HTML 11Page - Linear Technology LT1206 Datasheet HTML 12Page - Linear Technology LT1206 Datasheet HTML 13Page - Linear Technology LT1206 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1206
S
APPLICATI
I FOR ATIO
Slew Rate
Unlike a traditional op amp, the slew rate of a current
feedback amplifier is not independent of the amplifier gain
configuration. There are slew rate limitations in both the
input stage and the output stage. In the inverting mode,
and for higher gains in the noninverting mode, the signal
amplitude on the input pins is small and the overall slew
rate is that of the output stage. The input stage slew rate
is related to the quiescent current and will be reduced as
the supply current is reduced. The output slew rate is set
by the value of the feedback resistors and the internal
capacitance. Larger feedback resistors will reduce the
slew rate as will lower supply voltages, similar to the way
the bandwidth is reduced. The photos (Figures 5a, 5b and
5c) show the large-signal response of the LT1206 for
various gain configurations. The slew rate varies from
860V/
µs for a gain of 1, to 1400V/µs for a gain of –1.
LT1206 • F05a
RF = 825Ω
RL = 50Ω
VS = ±15V
Figure 5a. Large-Signal Response, AV = 1
Figure 5b. Large-Signal Response, AV = –1
LT1206 • F05b
RF = RG = 750Ω
RL = 50Ω
VS = ±15V
For applications where the full bandwidth of the amplifier
is not required, the quiescent current of the device may be
reduced by connecting a resistor from the shutdown pin to
ground. The quiescent current will be approximately 40
times the current in the shutdown pin. The voltage across
the resistor in this condition is V+ – 3VBE. For example, a
60k resistor will set the quiescent supply current to 10mA
with VS = ±15V.
The photos (Figures 4a and 4b) show the effect of reducing
the quiescent supply current on the large-signal response.
The quiescent current can be reduced to 5mA in the
inverting configuration without much change in response.
In noninverting mode, however, the slew rate is reduced
as the quiescent current is reduced.
LT1206 • F04a
RF = 750Ω
RL = 50Ω
IQ = 5mA, 10mA, 20mA
VS = ±15V
LT1206 • F04b
RF = 750Ω
RL = 50Ω
IQ = 5mA, 10mA, 20mA
VS = ±15V
Figure 4b. Large-Signal Response vs IQ, AV = 2
Figure 4a. Large-Signal Response vs IQ, AV = –1


Similar Part No. - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
321Kb / 16P
   250mA/60MHz Current Feedback Amplifi er
LT1206 LINER-LT1206 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1206 LINER-LT1206 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206CN8 LINER-LT1206CN8 Datasheet
321Kb / 16P
   250mA/60MHz Current Feedback Amplifi er
More results

Similar Description - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206_07 Datasheet
321Kb / 16P
   250mA/60MHz Current Feedback Amplifi er
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com