Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1172CJ8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1172CJ8
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172CJ8 Datasheet(HTML) 4 Page - Linear Technology

  LT1172CJ8 Datasheet HTML 1Page - Linear Technology LT1172CJ8 Datasheet HTML 2Page - Linear Technology LT1172CJ8 Datasheet HTML 3Page - Linear Technology LT1172CJ8 Datasheet HTML 4Page - Linear Technology LT1172CJ8 Datasheet HTML 5Page - Linear Technology LT1172CJ8 Datasheet HTML 6Page - Linear Technology LT1172CJ8 Datasheet HTML 7Page - Linear Technology LT1172CJ8 Datasheet HTML 8Page - Linear Technology LT1172CJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1170/LT1171/LT1172
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆IIN
Supply Current Increase
25
35
mA/A
∆ISW
During Switch On-Time
f
Switching Frequency
88
100
112
kHz
q
85
115
kHz
DCMAX
Maximum Switch Duty Cycle
q
85
92
97
%
Shutdown Mode
3V
≤ VIN ≤ VMAX
100
250
µA
Supply Current
VC = 0.05V
Shutdown Mode
3V
≤ VIN ≤ VMAX
100
150
250
mV
Threshold Voltage
q
50
300
mV
Flyback Sense Delay Time (Note 5)
1.5
µs
Transformer designs will tolerate much higher input voltages because
leakage inductance limits rate of rise of current in the switch. These
designs must be evaluated individually to assure that current limit is well
controlled up to maximum input voltage.
Boost mode designs are never protected against output shorts because
the external catch diode and inductor connect input to output.
Note 3: Measured with VC in hi clamp, VFB = 0.8V. ISW = 4A for LT1170,
2A for LT1171, and 1A for LT1172.
Note 4: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current is given by ILIM = 3.33 (2 – DC) for the LT1170,
ILIM = 1.67 (2 – DC) for the LT1171, and ILIM = 0.833 (2 – DC) for the
LT1172.
Note 5: Minimum input voltage for isolated flyback mode is 7V. VMAX =
55V for HV grade in fully isolated mode to avoid switch breakdown.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Minimum effective switch “on” time for the LT1170/71/72 (in current
limit only) is
≈ 0.6µs. This limits the maximum safe input voltage during an
output shorted condition. Buck mode and inverting mode input voltage during
an output shorted condition is limited to:
VIN (max, output shorted) = 15V +
buck and inverting mode
R = Inductor DC resistance
IL = 10A for LT1170, 5A for LT1171, and 2.5A for LT1172
Vf = Output catch diode forward voltage at IL
t = 0.6
µs, f = 100kHz switching frequency
Maximum input voltage can be increased by increasing R or Vf.
External current limiting such as that shown in AN19, Figure 39, will
provide protection up to the full supply voltage rating. C1 in Figure 39
should be reduced to 200pF.
Switch Current Limit vs Duty Cycle*
TEMPERATURE (
°C)
–75
–25
25
50
150
1170/1/2 G02
–50
0
75 100 125
2.9
2.8
2.7
2.6
2.5
2.4
2.3
SWITCH CURRENT = 0A
SWITCH CURRENT = IMAX
Minimum Input Voltage
Switch Saturation Voltage
DUTY CYCLE (%)
0
16
12
8
4
0
40
1170/1/2 G01
20 30
50
60 70 80
90 100
25
°C
125
°C
–55
°C
10
* DIVIDE VERTICAL SCALE BY TWO FOR
LT1171, BY FOUR FOR LT1172.
SWITCH CURRENT (A)*
0
8
1170/1/2 G03
1
2
3
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
45
6
7
25
°C
150
°C
–55
°C
100
°C
* DIVIDE CURRENT BY TWO FOR
LT1171, BY FOUR FOR LT1172.
(R)(IL) + Vf
(t)(f)
The q denotes the specifications which apply over the full operating tem-
perature range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1172CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1172HV LINER-LT1172HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1172CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com