Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3255 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 4 Page - Linear Technology

  LTC3255_15 Datasheet HTML 1Page - Linear Technology LTC3255_15 Datasheet HTML 2Page - Linear Technology LTC3255_15 Datasheet HTML 3Page - Linear Technology LTC3255_15 Datasheet HTML 4Page - Linear Technology LTC3255_15 Datasheet HTML 5Page - Linear Technology LTC3255_15 Datasheet HTML 6Page - Linear Technology LTC3255_15 Datasheet HTML 7Page - Linear Technology LTC3255_15 Datasheet HTML 8Page - Linear Technology LTC3255_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3255
4
3255f
For more information www.linear.com/LTC3255
TYPICAL PERFORMANCE CHARACTERISTICS
FB Pin Regulation Voltage
vs Input Voltage (IOUT = 1mA)
FB Pin Regulation Voltage
vs Input Voltage (IOUT = 50mA)
FB Pin Regulation Voltage
vs Temperature
Operating Mode Transition
Voltage vs Input Voltage
(IOUT = 5mA)
Operating Mode Transition
Voltage vs Input Voltage
(IOUT = 50mA)
Typical Minimum VIN – 2 • VOUT
Compliance Required for Shunt
Mode Operation
Input Operating Current
vs Input Voltage
Input Operating Current
vs Temperature
Input Shutdown Current
vs Input Voltage
TA = 25°C, unless otherwise noted.
VIN (V)
5
0
5
15
20
25
50
35
15
25 30
50
3255 G01
10
40
45
30
10
20
35 40 45
SHUNT = GND
VOUT = 5V
TA = 25°C
TEMPERATURE (°C)
–60
0
5
15
20
25
50
35
0
60
90
120
3255 G02
10
40
45
30
–30
30
150
VIN = 12V
VOUT = 5V
SHUNT = GND
VIN (V)
0
0
5
10
15
20
30
10
20
30
40
3255 G03
50
60
150°C
25
EN = GND
125°C
–55°C
25°C
VIN (V)
5
1.200
1.208
1.216
1.224
25
3255 G04
1.192
1.184
1.196
1.204
1.212
1.220
1.188
1.180
1.176
10 15 20
30 35 40 45 50
IOUT = 1mA
VOUT = 5V
SHUNT = GND
–60°C
25°C
105°C
150°C
VIN (V)
5
1.200
1.208
1.216
1.224
25
3255 G05
1.192
1.184
1.196
1.204
1.212
1.220
1.188
1.180
1.176
10 15 20
30 35 40 45 50
IOUT = 50mA
VOUT = 5V
SHUNT = GND
–60°C
25°C
105°C
TEMPERATURE (°C)
–60
1.192
1.216
1.220
1.224
0
60
90
3255 G06
1.184
1.208
1.200
1.188
1.212
1.176
1.180
1.204
1.196
–30
30
120 150
VIN = 12V
IOUT = 1mA
VOUT = 5V
VOUT (V)
2
17
21
25
10
3255 G07
13
9
15
19
23
11
7
5
4
6
8
3
11
5
7
9
12
SHUNT = GND
2:1 MODE
1:1 MODE
TRANSITION
REGION
VOUT (V)
2
17
21
25
10
3255 G08
13
9
15
19
23
11
7
5
4
6
8
3
11
5
7
9
12
SHUNT = GND
2:1 MODE
1:1 MODE
TRANSITION
REGION
TEMPERATURE (°C)
–60
2.5
2.6
2.8
2.9
3.0
3.5
3.2
0
60
90
120
3255 G09
2.7
3.3
3.4
3.1
–30
30
150
IVIN = 20mA
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
VOUT = 12V


Similar Part No. - LTC3255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
More results

Similar Description - LTC3255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3255 LINER-LTC3255 Datasheet
258Kb / 16P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
   Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
   Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Linear Technology
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3245 LINER-LTC3245 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Maxim Integrated Produc...
MAX1730 MAXIM-MAX1730 Datasheet
137Kb / 8P
   50mA Regulated Step-Down Charge Pump for 1.8V or 1.9V Logic
Rev 0; 4/00
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com