Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1189MJ8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1189MJ8
Description  Low Power Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189MJ8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1189MJ8 Datasheet HTML 2Page - Linear Technology LT1189MJ8 Datasheet HTML 3Page - Linear Technology LT1189MJ8 Datasheet HTML 4Page - Linear Technology LT1189MJ8 Datasheet HTML 5Page - Linear Technology LT1189MJ8 Datasheet HTML 6Page - Linear Technology LT1189MJ8 Datasheet HTML 7Page - Linear Technology LT1189MJ8 Datasheet HTML 8Page - Linear Technology LT1189MJ8 Datasheet HTML 9Page - Linear Technology LT1189MJ8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1189
6
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FREQUENCY (Hz)
0
20
60
80
100
100k
LT1189 • TPC11
–20
1M
10M
100M
40
0
20
60
80
100
–20
40
GAIN
PHASE
VS = ±5V
TA = 25°C
RL = 1k
Gain Bandwidth Product and
Common-Mode Rejection Ratio
Phase Margin vs Temperature
Output Impedance vs Frequency
vs Frequency
TEMPERATURE (°C)
–50
100
200
250
0
50
100
125
LT1189 • TPC13
150
–25
25
75
55
75
85
65
V = ±5V
R = 1k
AV = 20dB
S
L
GAIN BANDWIDTH
PRODUCT
PHASE MARGIN
FREQUENCY (Hz)
50
60
70
80
100k
10M
100M
LT1189 • TPC15
30
1M
40
90
VS = ±5V
TA = 25°C
RL = 1k
±SUPPLY VOLTAGE (V)
0
100
150
200
250
24
8
10
LT1189 • TPC12
6
TA = 25°C
TA = 125°C
TA = –55°C
AV = 20dB
Open-Loop Voltage Gain vs
Gain Bandwidth Product vs
Gain, Phase vs Frequency
Load Resistance
Supply Voltage
FREQUENCY (Hz)
0.1
1
10
100
1k
LT1189 • TPC14
10k
100k
1M
10M
100M
VS = ±5V
TA = 25°C
AV = 10
Power Supply Rejection Ratio vs
Output Short Circuit Current vs
Frequency
Temperature
± Output Swing vs Supply Voltage
FREQUENCY (Hz)
0
20
40
60
80
1k
100k
10M
100M
LT1189 • TPC16
–20
10k
1M
+PSRR
–PSRR
VS = ±5V
TA = 25°C
VRIPPLE = ±300mV
TEMPERATURE (°C)
–50
30
34
36
0
25
75
125
LT1189 • TPC17
–25
50
100
VS = ±5V
32
31
33
35
±SUPPLY VOLTAGE (V)
V+
LT1189 • TPC18
V
0.3
–0.8
– 0.7
0.2
0
246
10
8
–0.9
–1.0
0.4
0.5
0.1
–1.1
–55°C
125°C
25°C
–55°C
125°C
25°C
RL = 1k
±1.8V
≤ V
S ≤ ±9V
LOAD RESISTANCE (
Ω)
100
0
10
20
30
1k
10k
LT1189• TPC10
VS = ±5V
VO = ±3V
TA = 25°C


Similar Part No. - LT1189MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
More results

Similar Description - LT1189MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
   Low Power Video Difference Amplifi er
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com