Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS1040L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PDS1040L
Description  10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1040L Datasheet(HTML) 4 Page - Diodes Incorporated

  PDS1040L_15 Datasheet HTML 1Page - Diodes Incorporated PDS1040L_15 Datasheet HTML 2Page - Diodes Incorporated PDS1040L_15 Datasheet HTML 3Page - Diodes Incorporated PDS1040L_15 Datasheet HTML 4Page - Diodes Incorporated PDS1040L_15 Datasheet HTML 5Page - Diodes Incorporated PDS1040L_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS1040L
Document number: DS30486 Rev. 13 - 2
4 of 6
www.diodes.com
June 2015
© Diodes Incorporated
PDS1040L
-30
10
-10
170
150
130
110
90
70
50
30
0
10
20
30
40
V , DC REVERSE VOLTAGE (V)
Fig. 7 Operating Temperature Derating
R


Similar Part No. - PDS1040L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040L-13 DIODES-PDS1040L-13 Datasheet
97Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 8 - 2
PDS1040L-13 DIODES-PDS1040L-13 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040L DIODES-PDS1040L_10 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
More results

Similar Description - PDS1040L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1045 DIODES-PDS1045_15 Datasheet
432Kb / 5P
   10A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS835L DIODES-PDS835L_15 Datasheet
122Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS1240CTL DIODES-PDS1240CTL_15 Datasheet
517Kb / 5P
   12A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
MBRD1040 DIODES-MBRD1040 Datasheet
62Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30282 Rev. 3 - 2
SBM1040 DIODES-SBM1040 Datasheet
65Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30255 Rev. F-2
PDS1040L DIODES-PDS1040L Datasheet
97Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 8 - 2
PDS1040L DIODES-PDS1040L_10 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040CTL DIODES-PDS1040CTL_10 Datasheet
108Kb / 5P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 11 - 2
PDS1040CTL DIODES-PDS1040CTL Datasheet
94Kb / 3P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 8 - 2
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com