Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS3M Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HS3M
Description  3.0AMPS High Efficient Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS3M Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HS3M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS3M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS3M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS3M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMC
SMC
SMC
Tape & Reel specification
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
16mm
178
1.9
13
21
62
16.2
18.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
16mm
330
2
13
20.2
75
16.4
22.4
Unit (mm)
Symbol
A
B
C
D
E
Version:G13
Ordering information
Part No.
Package
Packing
Packing code
(Green)
Packing code
HS3x
(Note)
850 / 7" REEL
R7G
3K / 13" REEL
R6G
3K / 13" Plastic REEL
M6G
R7
R6
M6
Note: "x" is Device Code from "A" thru "M".
Reel Size Tape Size
Reel Size Tape Size
Suggested PAD Layout
Unit(mm)
3.3
2.5
6.8
4.4
9.3


Similar Part No. - HS3M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3M TSC-HS3M Datasheet
47Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3M TSC-HS3M Datasheet
238Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS3M GOOD-ARK-HS3M Datasheet
193Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Taiwan Semiconductor Co...
HS3M TSC-HS3M Datasheet
434Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS3M YANGJIE-HS3M Datasheet
144Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HS3M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB_13 Datasheet
442Kb / 4P
   3.0AMPS High Efficient Surface Mount Rectifiers
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
   3.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
S3A TSC-S3A_11 Datasheet
217Kb / 2P
   3.0AMPS Surface Mount Rectifiers
S3GR6 TSC-S3GR6 Datasheet
211Kb / 2P
   3.0AMPS Surface Mount Rectifiers
S3AB TSC-S3AB_11 Datasheet
190Kb / 2P
   3.0AMPS Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S3A LUGUANG-S3A Datasheet
224Kb / 2P
   3.0AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com