Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129IT Datasheet(PDF) 7 Page - Linear Technology

Part # LT1129IT
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129IT Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1129IT Datasheet HTML 3Page - Linear Technology LT1129IT Datasheet HTML 4Page - Linear Technology LT1129IT Datasheet HTML 5Page - Linear Technology LT1129IT Datasheet HTML 6Page - Linear Technology LT1129IT Datasheet HTML 7Page - Linear Technology LT1129IT Datasheet HTML 8Page - Linear Technology LT1129IT Datasheet HTML 9Page - Linear Technology LT1129IT Datasheet HTML 10Page - Linear Technology LT1129IT Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1129/LT1129-3.3/LT1129-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1129-5
Transient Response
Load Regulation
PI FU CTIO S
Input Pin: Power is supplied to the device through the
input pin. The input pin should be bypassed to ground if
the device is more than 6 inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT1129 is designed to withstand reverse voltages on the
input pin with respect to both ground and the output pin.
In the case of a reversed input, which can happen if a
battery is plugged in backwards, the LT1129 will act as if
there is a diode in series with its input. There will be no
reverse current flow into the LT1129 and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
Output Pin: The output pin supplies power to the load. An
output capacitor is required to prevent oscillations. See
the Applications Information section for recommended
value of output capacitance and information on reverse
output characteristics.
Shutdown Pin (SHDN): This pin is used to put the device
into shutdown. In shutdown the output of the device is
turned off. This pin is active low. The device will be shut
down if the shutdown pin is actively pulled low. The
shutdown pin current with the pin pulled to ground will be
6
µA. The shutdown pin is internally clamped to 7V and –
0.6V (one VBE). This allows the shutdown pin to be driven
directly by 5V logic or by open collector logic with a pull-
up resistor. The pull-up resistor is only required to supply
the leakage current of the open collector gate, normally
several microamperes. Pull-up current must be limited to
a maximum of 20mA. A curve of shutdown pin input
current as a function of voltage appears in the Typical
Performance Characteristics. If the shutdown pin is not
used it can be left open circuit. The device will be active,
output on, if the shutdown pin is not connected.
Sense Pin: For fixed voltage versions of the LT1129
(LT1129-3.3, LT1129-5) the sense pin is the input to the
error amplifier. Optimum regulation will be obtained at the
point where the sense pin is connected to the output pin.
For most applications the sense pin is connected directly
to the output pin at the regulator. In critical applications
small voltage drops caused by the resistance (RP) of PC
traces between the regulator and the load, which would
normally degrade regulation, may be eliminated by con-
necting the sense pin to the output pin at the load as shown
in Figure 1 (Kelvin Sense Connection). Note that the
voltage drop across the external PC traces will add to the
dropout voltage of the regulator. The sense pin bias
TIME (ms)
0
0.2
0.1
0
–0.1
–0.2
1.6
1129 G32
0.2
0.8
1.2
2.0
0.7
0.5
0.3
0.1
0.4 0.6
1.0
1.4
1.8
VIN = 6V
CIN = 3.3µF
COUT = 47µF
LT1129-5
Transient Response
TIME (
µs)
0
0.10
0.05
0
–0.05
–0.10
400
1129 G31
50
200
300
500
0.6
0.5
100 150
250
350
450
VIN = 6V
CIN = 3.3µF
COUT = 3.3µF
TEMPERATURE (°C)
–50
0
–5
–10
–15
–20
–25
–30
0
50
75
1129 G09
–25
25
100
125
LT1129*
LT1129-3.3
LT1129-5
VIN = VOUT(NOMINAL) + 1V
∆ILOAD = 1mA to 700mA
*VADJ = VOUT


Similar Part No. - LT1129IT

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1129IT LINEAR-LT1129IT Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129IT LINER-LT1129IT Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129IT LINER-LT1129IT Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129IT LINER-LT1129IT Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129IT-3.3 LINEAR-LT1129IT-3.3 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com