Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1863L Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1863L
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863L Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1863L_15 Datasheet HTML 5Page - Linear Technology LTC1863L_15 Datasheet HTML 6Page - Linear Technology LTC1863L_15 Datasheet HTML 7Page - Linear Technology LTC1863L_15 Datasheet HTML 8Page - Linear Technology LTC1863L_15 Datasheet HTML 9Page - Linear Technology LTC1863L_15 Datasheet HTML 10Page - Linear Technology LTC1863L_15 Datasheet HTML 11Page - Linear Technology LTC1863L_15 Datasheet HTML 12Page - Linear Technology LTC1863L_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1863L/LTC1867L
9
1863l7lfd
For more information www.linear.com/LTC1863L
APPLICATIONS INFORMATION
Overview
The LTC1863L/LTC1867L are complete, low power,
multiplexed ADCs. They consist of a 12-/16-bit, 175ksps
capacitive successive approximation A/D converter, a pre-
cision internal reference, a configurable 8-channel analog
input multiplexer (MUX) and a serial port for data transfer.
Conversions are started by a rising edge on the CS/CONV
input. Once a conversion cycle has begun, it cannot be
restarted.Betweenconversions,theADCsreceiveaninput
word for channel selection and output the conversion re-
sult, and the analog input is acquired in preparation for the
next conversion. In the acquire phase, a minimum time of
2.01µs will provide enough time for the sample-and-hold
capacitors to acquire the analog signal.
During the conversion, the internal differential 16-bit
capacitive DAC output is sequenced by the SAR from
the most significant bit (MSB) to the least significant bit
(LSB). The input is sucessively compared with the binary
weighted charges supplied by the differential capacitive
DAC. Bit decisions are made by a low power, differential
comparator that rejects common mode noise. At the end
of a conversion, the DAC output balances the analog input.
The SAR content (a 12-/16-bit data word) that represents
theanaloginputisloadedintothe12-/16-bitoutputlatches.
Analog Input Multiplexer
The analog input multiplexer is controlled by a 7-bit input
data word. The input data word is defined as follows:
SD OS S1 S0 COM UNI SLP
SD = SINGLE/DIFFERENTIAL BIT
OS = ODD/SIGN BIT
S1 = ADDRESS SELECT BIT 1
S0 = ADDRESS SELECT BIT 0
COM = CH7/COM CONFIGURATION BIT
UNI = UNIPOLAR/BIPOLAR BIT
SLP = SLEEP MODE BIT
Examples of Multiplexer Options
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
GND (
)
8 Single-Ended
+
+
+
+
+
+
+
4 Differential
+ ()
+
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM (
)
7 Single-Ended
to CH7/COM
+
+
+
+
+
+
+
+ ()
+ ()
+ ()
(+)
(+)
(+)
(+)
GND (
)
Combinations of Differential
and Single-Ended
+
+
+
+
+
+
{
{
{
{
{
{
1863L7L AI01
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
Tables 1 and 2 show the configurations when COM = 0,
and COM = 1.
Table 1. Channel Configuration (When COM = 0, CH7/COM Pin
Is Used as CH7)
SD
OS
S1
S0
COM
Channel Configuration
“+”
“–”
0
0
0
0
0
CH0
CH1
0
0
0
1
0
CH2
CH3
0
0
1
0
0
CH4
CH5
0
0
1
1
0
CH6
CH7
0
1
0
0
0
CH1
CH0
0
1
0
1
0
CH3
CH2
0
1
1
0
0
CH5
CH4
0
1
1
1
0
CH7
CH6
1
0
0
0
0
CH0
GND
1
0
0
1
0
CH2
GND
1
0
1
0
0
CH4
GND
1
0
1
1
0
CH6
GND
1
1
0
0
0
CH1
GND
1
1
0
1
0
CH3
GND
1
1
1
0
0
CH5
GND
1
1
1
1
0
CH7
GND
CH7/COM
(UNUSED)
CH7/COM (
)
1st Conversion
2nd Conversion
+
+
+
+
+
{
{
{
{
CH2
CH3
CH4
CH5
CH2
CH3
CH4
CH5
1863L7L AI02
Changing the MUX Assignment “On the Fly”


Similar Part No. - LTC1863L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1863LCGN LINER-LTC1863LCGN Datasheet
234Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863LIGN LINER-LTC1863LIGN Datasheet
234Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
More results

Similar Description - LTC1863L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1863L LINER-LTC1863L Datasheet
234Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Technology
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
logo
Analog Devices
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com