Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1185 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology LT1185 Datasheet HTML 12Page - Linear Technology LT1185 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1185
APPLICATIO S I FOR ATIO
Figure 2. Proper Connection of Positive Sense Lead
Shutdown Techniques
The LT1185 can be shut down by open-circuiting the REF
pin. The current flowing into this pin must be less than
0.4
µA to guarantee shutdown. Figure 3 details several
ways to create the “open” condition, with various logic
levels. For variations on these schemes, simply remember
that the voltage on the REF pin is 2.4V negative with
respect to the ground pin.
Output Overshoot
Very high input voltage slew rate during start-up may
cause the LT1185 output to overshoot. Up to 20% over-
shoot could occur with input voltage ramp-up rate exceed-
ing 1V/
µs. This condition cannot occur with normal 50Hz
to 400Hz rectified AC inputs because parasitic resistance
and inductance will limit rate of rise even if the power
switch is closed at the peak of the AC line voltage. This
assumes that the switch is in the AC portion of the circuit.
If instead, a switch is placed directly in the regulator input
so that a large filter capacitor is precharged, fast input slew
rates will occur on switch closure. The output of the
regulator will slew at a rate set by current limit and output
capacitor size; dVdt = ILIM/COUT. With ILIM = 3.6A and COUT
= 2.2
µF, the output will slew at 1.6V/µs and overshoot can
occur. This overshoot can be reduced to a few hundred
millivolts or less by increasing the output capacitor to
10
µF and/or reducing current limit so that output slew rate
is held below 0.5V/
µs.
A second possibility for creating output overshoot is
recovery from an output short. Again, the output slews at
a rate set by current limit and output capacitance. To avoid
overshoot, the ratio ILIM/COUT should be less than
0.5
× 106. Remember that load capacitance can be added
to COUT for this calculation. Many loads will have multiple
supply bypass capacitors that total more than COUT.
+
R1*
2.37k
R2
REF
GND
FB
VOUT
VIN
LT1185
RLIM
+
VIN
VOUT
LT1185 • F02
LOAD
PARASITIC
LEAD RESISTANCES
– rb +
IGND
ra
*R1 SHOULD BE CONNECTED DIRECTLY TO GROUND LEAD, NOT TO THE LOAD,
SO THAT ra ≈ 0Ω. THIS LIMITS THE OUTPUT VOLTAGE ERROR TO (IGND)(rb).
ERRORS CREATED BY ra ARE MULTIPLIED BY (1 + R2/R1). NOTE THAT VOUT
INCREASES WITH INCREASING GROUND PIN CURRENT. R2 SHOULD BE CONNECTED
DIRECTLY TO LOAD FOR REMOTE SENSING


Similar Part No. - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
179Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT1185 LINER-LT1185 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1185 LINER-LT1185 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
More results

Similar Description - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com