Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1167IN8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1167IN8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167IN8 Datasheet(HTML) 4 Page - Linear Technology

  LT1167IN8 Datasheet HTML 1Page - Linear Technology LT1167IN8 Datasheet HTML 2Page - Linear Technology LT1167IN8 Datasheet HTML 3Page - Linear Technology LT1167IN8 Datasheet HTML 4Page - Linear Technology LT1167IN8 Datasheet HTML 5Page - Linear Technology LT1167IN8 Datasheet HTML 6Page - Linear Technology LT1167IN8 Datasheet HTML 7Page - Linear Technology LT1167IN8 Datasheet HTML 8Page - Linear Technology LT1167IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1167
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C, RL = 2k, unless otherwise noted.
LT1167AC
LT1167C
SYMBOL
PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
G = 1
q
0.01
0.03
0.012
0.04
%
G = 10 (Note 2)
q
0.08
0.30
0.100
0.33
%
G = 100 (Note 2)
q
0.09
0.30
0.120
0.33
%
G = 1000 (Note 2)
q
0.14
0.33
0.140
0.35
%
Gain Nonlinearity
VOUT = ±10V, G = 1
q
1.5
10
2
15
ppm
VOUT = ±10V, G = 10 and 100
q
3
15
4
20
ppm
VOUT = ±10V, G = 1000
q
20
60
25
80
ppm
G/T
Gain vs Temperature
G < 1000 (Note 2)
q
20
50
20
50
ppm/
°C
VOST
Total Input Referred
VOST = VOSI + VOSO/G
Offset Voltage
VOSI
Input Offset Voltage
VS = ±5V to ±15V
q
18
60
23
80
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 3, 6)
3.0
3.0
µV
VOSO
Output Offset Voltage
VS = ±5V to ±15V
q
60
380
70
500
µV
VOSOH
Output Offset Voltage Hysteresis
(Notes 3, 6)
30
30
µV
VOSI/T
Input Offset Drift (RTI)
(Note 3)
q
0.05
0.3
0.06
0.4
µV/°C
VOSO/T
Output Offset Drift
(Note 3)
q
0.7
3
0.8
4
µV/°C
IOS
Input Offset Current
q
100
400
120
550
pA
IOS/T
Input Offset Current Drift
q
0.3
0.4
pA/
°C
IB
Input Bias Current
q
75
450
105
600
pA
IB/T
Input Bias Current Drift
q
0.4
0.4
pA/
°C
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
q
–VS+ 2.1
+ VS– 1.3
– VS+ 2.1
+ VS– 1.3
V
VS = ±5V to ±18V
q
–VS+ 2.1
+ VS– 1.4
– VS+ 2.1
+ VS– 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
q
88
92
83
92
dB
G = 10
q
100
110
97
110
dB
G = 100
q
115
120
113
120
dB
G = 1000
q
117
135
114
135
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.3V to ±18V
G = 1
q
103
115
98
115
dB
G = 10
q
123
130
118
130
dB
G = 100
q
127
135
124
135
dB
G = 1000
q
129
145
126
145
dB
IS
Supply Current
VS = ±2.3V to ±18V
q
1.0
1.5
1.0
1.5
mA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
q
–VS + 1.4
+ VS – 1.3
– VS + 1.4
+ VS –1.3
V
VS = ±5V to ±18V
q
–VS + 1.6
+ VS – 1.5
– VS + 1.6
+ VS – 1.5
V
IOUT
Output Current
q
16
21
16
21
mA
SR
Slew Rate
G = 1, VOUT = ±10V
q
0.65
1.1
0.65
1.1
V/
µs
VREF
REF Voltage Range
(Note 3)
q
–VS + 1.6
+ VS – 1.6
– VS + 1.6
+ VS – 1.6
V


Similar Part No. - LT1167IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167IN8 LINER-LT1167IN8 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1167IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com