Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UYGT801-S Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # UYGT801-S
Description  Industry Standard PLCC SMT package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

UYGT801-S Datasheet(HTML) 5 Page - Seoul Semiconductor

  UYGT801-S Datasheet HTML 1Page - Seoul Semiconductor UYGT801-S Datasheet HTML 2Page - Seoul Semiconductor UYGT801-S Datasheet HTML 3Page - Seoul Semiconductor UYGT801-S Datasheet HTML 4Page - Seoul Semiconductor UYGT801-S Datasheet HTML 5Page - Seoul Semiconductor UYGT801-S Datasheet HTML 6Page - Seoul Semiconductor UYGT801-S Datasheet HTML 7Page - Seoul Semiconductor UYGT801-S Datasheet HTML 8Page - Seoul Semiconductor UYGT801-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 00
Rev. 00
September 2010
September 2010
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
2. Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
75
mW
Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
90
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-40 ~ +100
oC
Storage Temperature
T
stg
-40 ~ +100
oC
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of
the LED package. Luminous Intensity Measurement allowance is ±10%
*2. 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*3. A tolerance of ±0.05V on forward voltage measurements
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
V
F
I
F =20mA
1.7
2.1
2.5
V
Reverse Current
I
R
V
R=5V
-
-
10
μA
Luminance Intensity *1
I
V
I
F =20mA
30
90
105
mcd
Peak Wavelength
λ
P
I
F =20mA
-
576
-
nm
Dominant Wavelength
λ
d
I
F =20mA
568
572
574
nm
Spectral Bandwidth 50%
Δλ
I
F =20mA
-
18
-
nm
Viewing Angle *2
2
θ
½
I
F =20mA
-
120
-
deg.
3. Electro-Optical characteristics
[1] Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
[2] I
FM was measured at Tw≤1 msec of pulse width and D≤1/10 of duty ratio.
[3] LED’s properties might be different from suggested values like above and below tables if operation condition
will be exceeded our parameter range.


Similar Part No. - UYGT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
UYGT801 SEOUL-UYGT801 Datasheet
420Kb / 10P
   surface-mount LED
More results

Similar Description - UYGT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
   Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
   Industry Standard PLCC SMT package
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
   Industry Standard PLCC SMT package
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
   Industry Standard PLCC SMT package Available in multiple colors
SPW08F0Z SEOUL-SPW08F0Z Datasheet
940Kb / 25P
   Industry Standard SMT package
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
   Industry standard PLCC-2
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Seoul Semiconductor
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
   Industry Standard SMT package Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com