Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1742 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1742
Description  14-Bit, 65Msps Low Noise ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1742 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1742_15 Datasheet HTML 6Page - Linear Technology LTC1742_15 Datasheet HTML 7Page - Linear Technology LTC1742_15 Datasheet HTML 8Page - Linear Technology LTC1742_15 Datasheet HTML 9Page - Linear Technology LTC1742_15 Datasheet HTML 10Page - Linear Technology LTC1742_15 Datasheet HTML 11Page - Linear Technology LTC1742_15 Datasheet HTML 12Page - Linear Technology LTC1742_15 Datasheet HTML 13Page - Linear Technology LTC1742_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1742
1742f
TI I G DIAGRA
1742 TD
t3
t7
t6
t4
t5
t10
t9
N
t2
t0
t1
t8
DATA (N – 5)
DB13 TO DB0
ANALOG
INPUT
ENC
DATA
CLKOUT
DATA (N – 4)
DB13 TO DB0
DATA (N – 3)
t12
t11
DATA N
DB13 TO DB0, OF AND CLKOUT
OE
DATA
APPLICATIO S I FOR ATIO
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band limited
to frequencies above DC to below half the sampling
frequency.
Signal-to-Noise Ratio
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum of all
harmonics of the input signal to the fundamental itself. The
out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency. THD is
expressed as:
THD
Log
VVV
Vn
V
=
++
+
20
23
4
1
22
2
2
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. The THD calculated in this
data sheet uses all the harmonics up to the fifth.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa
± nfb, where m and n = 0, 1, 2, 3,
etc. The 3rd order intermodulation products are 2fa + fb,
2fb + fa, 2fa – fb and 2fb – fa. The intermodulation
distortion is defined as the ratio of the RMS value of either
input tone to the RMS value of the largest 3rd order
intermodulation product.


Similar Part No. - LTC1742_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1742CFW LINER-LTC1742CFW Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1742IFW LINER-LTC1742IFW Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
More results

Similar Description - LTC1742_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com