Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175CN8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1175CN8
Description  500mA Negative Low Dropout Micropower Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CN8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1175CN8 Datasheet HTML 4Page - Linear Technology LT1175CN8 Datasheet HTML 5Page - Linear Technology LT1175CN8 Datasheet HTML 6Page - Linear Technology LT1175CN8 Datasheet HTML 7Page - Linear Technology LT1175CN8 Datasheet HTML 8Page - Linear Technology LT1175CN8 Datasheet HTML 9Page - Linear Technology LT1175CN8 Datasheet HTML 10Page - Linear Technology LT1175CN8 Datasheet HTML 11Page - Linear Technology LT1175CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1175
APPLICATIONS INFORMATION
during a “shorting out” surge, only during a “charge up”
surge.
The output capacitor should be located within several
inches of the regulator. If remote sensing is used, the
output capacitor can be located at the remote sense node,
but the GND pin of the regulator should also be connected
to the remote site. The basic rule is to keep SENSE and
GND pins close to the output capacitor, regardless of
where it is.
Operating at very large input-to-output differential volt-
ages (> 5V) with load currents less than 5mA requires an
output capacitor with an ESR greater than 1
Ω to prevent
low level output oscillations.
Input Capacitor
The LT1175 requires a separate input bypass capacitor
only if the regulator is located more than six inches from
the raw supply output capacitor. A 1
µF or larger tantalum
capacitor is suggested for all applications, but if low ESR
capacitors such as ceramic or film are used for the output
and input capacitors, the input capacitor should be at least
three times the value of the output capacitor. If a solid
tantalum or aluminum electrolytic output capacitor is
used, the input capacitor is very noncritical.
High Temperature Operation
The LT1175 is a micropower design with only 45
µA
quiescent current. This could make it perform poorly at
high temperatures (>125
°C),wherepowertransistorleak-
age might exceed the output node loading current (5
µA to
15
µA).Toavoidaconditionwheretheoutputvoltagedrifts
uncontrolled high during a high temperature no-load
condition, the LT1175 has an active load which turns on
when the output is pulled above the nominal regulated
voltage. This load absorbs power transistor leakage and
maintains good regulation. There is one downside to this
feature, however. If the output is pulled high deliberately,
as it might be when the LT1175 is used as a backup to a
slightly higher output from a primary regulator, the LT1175
will act as an unwanted load on the primary regulator.
Because of this, the active pull-down is deliberately “weak.”
It can be modeled as a 2k resistor in series with an internal
clamp voltage when the regulator output is being pulled
Die
V
V
I
Maximum
T
T
I
V
JA
IN
OUT
LOAD
A
JA
A
JA LOAD
OUT
Temp = T +
Power Dissipation =
T
=
T
A
MAX
MAX
θ
θ
θ
()( )
()
+
high. If a 4.8V output is pulled to 5V, for instance, the load
on the primary regulator would be (5V – 4.8V)/2k
Ω =
100
µA. This also means that if the internal pass transistor
leaks 50
µA, the output voltage will be (50µA)(2kΩ) =
100mV high. This condition will not occur under normal
operating conditions, but could occur immediately after
an output short circuit had overheated the chip.
Thermal Considerations
The LT1175 is available in a special 8-pin surface mount
package which has Pins 1 and 8 connected to the die attach
paddle. This reduces thermal resistance when Pins 1 and
8 are connected to expanded copper lands on the PC
board. Table 2 shows thermal resistance for various
combinations of copper lands and backside or internal
planes. Table 2 also shows thermal resistance for the 5-pin
DD surface mount package and the 8-pin DIP and package.
Table 2. Package Thermal Resistance (
°C/W)
LAND AREA
DIP
ST
SO
Q
Minimum
140
90
100
60
Minimum with
110
70
80
50
Backplane
1cm2 Top Plane
100
64
75
35
with Backplane
10cm2 Top Plane
80
50
60
27
with Backplane
To calculate die temperature, maximum power dissipation
or maximum input voltage, use the following formulas
with correct thermal resistance numbers from Table 2. For
through-hole TO-220 applications use
θJA = 50°C/W
without a heat sink and
θJA = 5°C/W + heat sink thermal
resistance when using a heat sink.
Maximum Input Voltage
for Thermal Considerations


Similar Part No. - LT1175CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CN8 LINER-LT1175CN8 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175CN8 LINER-LT1175CN8 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175CN8-5 LINER-LT1175CN8-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175CN8-5 LINER-LT1175CN8-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175CN8-5-PBF LINER-LT1175CN8-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com