Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1170HV Datasheet(PDF) 5 Page - Linear Technology

Part # LT1170HV
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1170HV Datasheet(HTML) 5 Page - Linear Technology

  LT1170HV Datasheet HTML 1Page - Linear Technology LT1170HV Datasheet HTML 2Page - Linear Technology LT1170HV Datasheet HTML 3Page - Linear Technology LT1170HV Datasheet HTML 4Page - Linear Technology LT1170HV Datasheet HTML 5Page - Linear Technology LT1170HV Datasheet HTML 6Page - Linear Technology LT1170HV Datasheet HTML 7Page - Linear Technology LT1170HV Datasheet HTML 8Page - Linear Technology LT1170HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1170/LT1171/LT1172
INPUT VOLTAGE (V)
0
10
20
30
40
1170/1/2 G09
50
15
14
13
12
11
10
9
8
7
6
5
60
TJ = 25°C
NOTE THAT THIS CURRENT DOES NOT
INCLUDE DRIVER CURRENT, WHICH IS
A FUNCTION OF LOAD CURRENT AND
DUTY CYCLE.
90% DUTY CYCLE
50% DUTY CYCLE
10% DUTY CYCLE
0% DUTY CYCLE
* UNDER VERY LOW OUTPUT CURRENT CONDITIONS,
DUTY CYCLE FOR MOST CIRCUITS WILL APPROACH
10% OR LESS.
Supply Current vs Input Voltage*
VC PIN VOLTAGE (mV)
0
200
180
160
140
120
100
80
60
40
20
0
40
1170/1/2 G10
10
20 30
50 60 70 80 90 100
TJ = 150°C
–55
°C ≤ TJ ≤ 125°C
Shutdown Mode Supply Current
TEMPERATURE (
°C)
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
1170/1/2 G11
–75
–25
25
50
150
–50
0
75 100 125
gm =
∆I (VC PIN)
∆V (FB PIN)
Error Amplifier Transconductance
VC Pin Characteristics
SUPPLY VOLTAGE (V)
0
10
20
30
40
160
140
120
100
80
60
40
20
0
50
60
1170/1/2 G07
VC = 50mV
VC = 0V
TJ = 25°C
Supply Current vs Supply Voltage
(Shutdown Mode)
Driver Current* vs Switch Current
SWITCH CURRENT (A)
0
12
3
160
140
120
100
80
60
40
20
0
4
5
1170/1/2 G08
TJ = –55°C
TJ = ≥ 25°C
* AVERAGE LT1170 POWER SUPPLY CURRENT IS
FOUND BY MULTIPLYING DRIVER CURRENT BY
DUTY CYCLE, THEN ADDING QUIESCENT CURRENT.
VC PIN VOLTAGE (V)
300
200
100
0
–100
–200
–300
–400
1170/1/2 G12
0
2.0
0.5
1.0
1.5
2.5
VFB = 1.5V (CURRENT INTO VC PIN)
VFB = 0.8V (CURRENT OUT OF VC PIN)
TJ = 25°C
Reference Voltage vs Temperature
INPUT VOLTAGE (V)
0
10
20
30
40
1170/1/2 G04
50
5
4
3
2
1
0
–1
–2
–3
–4
–5
60
TJ = 150°C
TJ = –55°C
TJ = 25°C
Line Regulation
TEMPERATURE (
°C)
1170/1/2 G05
1.250
1.248
1.246
1.244
1.242
1.240
1.238
1.236
1.234
–75
–25
25
50
150
–50
0
75 100 125
TEMPERATURE (
°C)
1170/1/2 G06
800
700
600
500
400
300
200
100
0
–75
–25
25
50
150
–50
0
75 100 125
Feedback Bias Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1170HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170HV LINER-LT1170HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
More results

Similar Description - LT1170HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com