Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1647-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1647-1
Description  Dual Hot Swap Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1647-1_15 Datasheet HTML 3Page - Linear Technology LTC1647-1_15 Datasheet HTML 4Page - Linear Technology LTC1647-1_15 Datasheet HTML 5Page - Linear Technology LTC1647-1_15 Datasheet HTML 6Page - Linear Technology LTC1647-1_15 Datasheet HTML 7Page - Linear Technology LTC1647-1_15 Datasheet HTML 8Page - Linear Technology LTC1647-1_15 Datasheet HTML 9Page - Linear Technology LTC1647-1_15 Datasheet HTML 10Page - Linear Technology LTC1647-1_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC1647-1/
LTC1647-2/LTC1647-3
7
1647fa
FAULT VOL vs VCC
FAULT VOL vs Temperature
tFAULT vs VCC
tFAULT vs Temperature
Circuit Breaker Reset Time vs VCC
Circuit Breaker Reset Time
vs Temperature
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G22
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
IOL = 5mA
IOL = 1mA
TEMPERATURE (°C)
1647-1/2/3 G23
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC = 5V
IOL = 5mA
IOL = 1mA
–75 –50 –25
0
25
50
75 100 125 150
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G24
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
TEMPERATURE (°C)
1647-1/2/3 G25
1.0
0.8
0.6
0.4
0.2
0
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC (V)
0
2
4
6
8
10 12 14 16 18 20
1647-1/2/3 G26
70
60
50
40
30
TA = 25°C
TEMPERATURE (°C)
1647-1/2/3 G27
60
58
56
54
52
50
48
46
44
42
40
–75 –50 –25
0
25
50
75 100 125 150
VCC = 3V
VCC = 5V
VCC = 12V
VCC = 15V
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC1647-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1CS8 LINER-LTC1647-1CS8 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-1IS8 LINER-LTC1647-1IS8 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
More results

Similar Description - LTC1647-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com