Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1645 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1645
Description  Dual-Channel Hot Swap Controller/Power Sequencer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1645_15 Datasheet HTML 4Page - Linear Technology LTC1645_15 Datasheet HTML 5Page - Linear Technology LTC1645_15 Datasheet HTML 6Page - Linear Technology LTC1645_15 Datasheet HTML 7Page - Linear Technology LTC1645_15 Datasheet HTML 8Page - Linear Technology LTC1645_15 Datasheet HTML 9Page - Linear Technology LTC1645_15 Datasheet HTML 10Page - Linear Technology LTC1645_15 Datasheet HTML 11Page - Linear Technology LTC1645_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1645
1645fa
Power Supply Ramping
The power supplies on a board are controlled by placing
external N-channel pass transistors in the power paths as
shown in Figure 2. Consult Table 1 for a selection of
N-channel FETs suitable for use with the LTC1645. RSENSE1
and RSENSE2 provide current fault detection and R1 and R2
prevent high frequency oscillation. By ramping the gates
of the pass transistors up and down at a controlled rate,
the transient surge current (I = C • dv/dt) drawn from the
main backplane supply is limited to a safe value when the
board makes connection.
When power is first applied to the chip, the gates of the
N-channels (GATE1 and GATE2 pins) are pulled low. After
the ON pin is held above 0.8V for at least one timing cycle,
the voltage at GATE1 begins to rise with a slope equal to
dv/dt = 10
µA/C1 (Figure 3), where C1 is the external
capacitor connected between the GATE1 pin and GND. If
the ON pin is brought above 2V (and the ON pin has been
held above 0.8V for at least one timing cycle), the voltage
at GATE2 begins to rise with a slope equal to dv/dt =
10
µA/C2.
The ramp time for each supply is t = (VCCn • Cn)/10µA. If
the ON pin is pulled below 2V for GATE2 or 0.8V for GATE1
(but above 0.4V), a 40
µAcurrentsourceisconnectedfrom
GATE
n to GND, and the voltage at the GATEn pin will ramp
down, as shown in Figure 4.
Ringing
Good engineering practice calls for bypassing the supply
rail of any circuit. Bypass capacitors are often placed at the
supply connection of every active device, in addition to one
or more large value bulk bypass capacitors per supply rail.
If power is connected abruptly, the bypass capacitors slow
the rate of rise of voltage and heavily damp any parasitic
resonance of lead or trace inductance working against the
supply bypass capacitors.
The opposite is true for LTC1645 Hot Swap circuits on a
daughterboard. In most cases, on the powered side of the
N-channel FET switches (VCCn) there is no supply bypass
capacitor present. An abrupt connection, produced by
plugging a board into a backplane connector, results in a
fast rising edge applied to the VCCn line of the LTC1645.
APPLICATIO S I FOR ATIO
Figure 4. Supply Turning Off
Figure 3. Supply Turning On
Figure 2. Typical Hot Swap Connection
RSENSE2
Q1
Q2
R2
10
C2
CTIMER
CLOAD1
CLOAD2
R1
10
C1
12
1
2
3
8
9
6
5
11
7
13
14
10
4
VCC1
ON
FAULT
SENSE1
GATE2
VCC2
VCC2
VCC1
VOUT2
VOUT1
LTC1645
(14-LEAD)
TIMER
GND
COMP+
COMPOUT
FB
SENSE2
GATE1
1645 F02
RESET
+
+
RSENSE1
VCCn
VOUTn
VCCn + ∆VGATE
1645 F03
t1
t2
GATE
n
SLOPE = 10
µA/Cn
VCCn
VOUTn
VCCn + ∆VGATE
1645 F04
t3
t4
GATE
n
SLOPE = 40
µA/Cn


Similar Part No. - LTC1645_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1645C LINER-LTC1645C Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645CS LINER-LTC1645CS Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645CS8 LINER-LTC1645CS8 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645I LINER-LTC1645I Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645IS LINER-LTC1645IS Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
More results

Similar Description - LTC1645_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com