Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1172 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1172
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1172 Datasheet HTML 7Page - Linear Technology LT1172 Datasheet HTML 8Page - Linear Technology LT1172 Datasheet HTML 9Page - Linear Technology LT1172 Datasheet HTML 10Page - Linear Technology LT1172 Datasheet HTML 11Page - Linear Technology LT1172 Datasheet HTML 12Page - Linear Technology LT1172 Datasheet HTML 13Page - Linear Technology LT1172 Datasheet HTML 14Page - Linear Technology LT1172 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1170/LT1171/LT1172
Negative-to-Positive Buck-Boost Converter
Driving High Voltage FET
(for Off-Line Applications, See AN25)
(Note that maximum output currents are divided by 2 for LT1171, by 4 for LT1172.)
Negative Buck Converter
External Current Limit
External Current Limit
1170/1/2 TA05
VIN
VSW
LT1170
GND
10V TO
20V
D1
+
D
G
Q1
1170/1/2 TA06
VX
D1
LT1170
GND
R2
2V
VC
R1
500
C4*
100
µF
VOUT
12V
2A
1170/1/2 TA07
R3
2.2k
C2
1000
µF
D1
C1
0.22
µF
Q1
VIN
VC
FB
VSW
LT1170
GND
OPTIONAL
INPUT FILTER
L3
VIN
–20V
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92114, COILTRONICS 50-2-52
*
**
R2
1.24k
L1**
50
µH
OPTIONAL
OUTPUT
FILTER
C3
L2
R1
11.3k
THIS CIRCUIT IS OFTEN USED TO CONVERT –48V TO 5V. TO GUARANTEE
FULL SHORT-CIRCUIT PROTECTION, THE CURRENT LIMIT CIRCUIT SHOWN
IN AN19, FIGURE 39, SHOULD BE ADDED WITH C1 REDUCED TO 200pF.
+
+
1170/1/2 TA08
R2
C2
VIN
VC
FB
VSW
LT1170
GND
VIN
NOTE THAT THE LT1170
GND PIN IS NO LONGER
COMMON TO VIN
.
R1
1k
+
C1
1000pF
Q1
RS
C3*
100
µF
–5.2V
4.5A
1170/1/2 TA09
R3
L1**
50
µH
R1
4.64k
C2
1000
µF
D1
C1
Q1
2N3906
VIN
VC
FB
VSW
LT1170
GND
OPTIONAL
INPUT FILTER
L3
VIN
–20V
LOAD
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92114
COILTRONICS 50-2-52
*
**
R2
1.24k
R4
12k
L2
4
µH
OPTIONAL
OUTPUT
FILTER
C4
200
µF
+
+
+
TYPICAL APPLICATIO S


Similar Part No. - LT1172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1172HV LINER-LT1172HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com