Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1604 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1604
Description  High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1604 Datasheet(HTML) 1 Page - Linear Technology

  LTC1604_15 Datasheet HTML 1Page - Linear Technology LTC1604_15 Datasheet HTML 2Page - Linear Technology LTC1604_15 Datasheet HTML 3Page - Linear Technology LTC1604_15 Datasheet HTML 4Page - Linear Technology LTC1604_15 Datasheet HTML 5Page - Linear Technology LTC1604_15 Datasheet HTML 6Page - Linear Technology LTC1604_15 Datasheet HTML 7Page - Linear Technology LTC1604_15 Datasheet HTML 8Page - Linear Technology LTC1604_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1604
1
1604fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Speed, 16-Bit, 333ksps
Sampling A/D Converter
with Shutdown
The LTC®1604 is a 333ksps, 16-bit sampling A/D con-
verter that draws only 220mW from ±5V supplies. This
high performance device includes a high dynamic range
sample-and-hold, a precision reference and a high speed
parallel output. Two digitally selectable power shutdown
modes provide power savings for low power systems.
The LTC1604’s full-scale input range is ±2.5V. Outstand-
ing AC performance includes 90dB S/(N+D) and –100dB
THD at a sample rate of 333ksps.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 15MHz
bandwidth. The 68dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has μP compatible,16-bit parallel output port.
There is no pipeline delay in conversion results. A separate
convert start input and a data ready signal (BUSY) ease
connections to FlFOs, DSPs and microprocessors.
LTC1604 4096 Point FFT
APPLICATIONS
n A Complete, 333ksps 16-Bit ADC
n 90dB S/(N+D) and –100dB THD (Typ)
n Power Dissipation: 220mW (Typ)
n No Pipeline Delay
n No Missing Codes over Temperature
n Nap (7mW) and Sleep (10μW) Shutdown Modes
n Operates with Internal 15ppm/°C Reference
or External Reference
n True Differential Inputs Reject Common Mode Noise
n 5MHz Full Power Bandwidth
n ±2.5V Bipolar Input Range
n 36-Pin SSOP Package
n Telecommunications
n Digital Signal Processing
n Multiplexed Data Acquisition Systems
n High Speed Data Acquisition
n Spectrum Analysis
n Imaging Systems
L, LTC and LT are registered trademarks of Linear Technology Corporation.
2.2μF
10μF
10μF
10Ω
47μF
4
6
DIFFERENTIAL
ANALOG INPUT
±2.5V
REFCOMP
4.375V
CONTROL
LOGIC
AND
TIMING
B15 TO B0
16-BIT
SAMPLING
ADC
+
10μF
5V OR
3V
μP
CONTROL
LINES
D15 TO D0
OUTPUT
BUFFERS
16-BIT
PARALLEL
BUS
11 TO 26
1604 TA01
OGND
OVDD
28
29
1
2
AIN
+
AIN
SHDN
CS
CONVST
RD
BUSY
33
32
31
30
27
7.5k
3
36
35
10
9
5V
5V
AVDD
AVDD
DVDD
DGND
VREF
8
AGND
AGND
7
AGND
5
AGND
34
–5V
VSS
10μF
2.5V
REF
10μF
1.75X
+
+
+
+
+
FREQUENCY (kHz)
0
120
1604 TA02
40
80
160
0
–20
–40
–60
–80
–100
–120
–140
20
60
100
140
fSAMPLE = 333kHz
fIN = 100kHz
SINAD = 89dB
THD = –96dB


Similar Part No. - LTC1604_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1604ACG LINER-LTC1604ACG Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1604AIG LINER-LTC1604AIG Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1604C LINER-LTC1604C Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1604CG LINER-LTC1604CG Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1604I LINER-LTC1604I Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1604_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1604 LINER-LTC1604 Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608 Datasheet
1,000Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608_15 Datasheet
802Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1603 LINER-LTC1603_15 Datasheet
260Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1603 LINER-LTC1603 Datasheet
250Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com