Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1161IS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1161IS
Description  Quad Protected High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161IS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1161IS Datasheet HTML 4Page - Linear Technology LT1161IS Datasheet HTML 5Page - Linear Technology LT1161IS Datasheet HTML 6Page - Linear Technology LT1161IS Datasheet HTML 7Page - Linear Technology LT1161IS Datasheet HTML 8Page - Linear Technology LT1161IS Datasheet HTML 9Page - Linear Technology LT1161IS Datasheet HTML 10Page - Linear Technology LT1161IS Datasheet HTML 11Page - Linear Technology LT1161IS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1161
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
Protected Quad 2A Industrial Switch with Isolated Inputs and Fault Output
1
µF
1
µF
0.1
µF
+
+
1
µF
1
µF
RFD16N05
RFD16N05
RFD16N05
RFD16N05
5.1k
18k
5.1k
5.1k
5.1k
5.1k
2k
4N28
NEC PS2501-4
MM74HC266A
LT1161
1161 TA02
0.015
24V
24V
FAULT
OUTPUT
5.6V
1N5994B
INPUTS
0.015
0.015
0.015
GND
T1
IN1
T2
IN2
T3
IN3
T4
IN4
GND
V+
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LOAD
#1
50
µF
50V
100k
100k
100k
100k
LOAD
#2
LOAD
#3
LOAD
#4
+
+
+
2N3904


Similar Part No. - LT1161IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161ISW LINER-LT1161ISW Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results

Similar Description - LT1161IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com