Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T39G-32 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-T39G-32
Description  10.0mm (0.39) Three digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T39G-32 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-T39G-32 Datasheet HTML 1Page - BetLux Electronics BL-T39G-32 Datasheet HTML 2Page - BetLux Electronics BL-T39G-32 Datasheet HTML 3Page - BetLux Electronics BL-T39G-32 Datasheet HTML 4Page - BetLux Electronics BL-T39G-32 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T39X-32
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-T39G-32

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T39G-31 BETLUX-BL-T39G-31 Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31D-XX BETLUX-BL-T39G-31D-XX Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31E-XX BETLUX-BL-T39G-31E-XX Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31G-XX BETLUX-BL-T39G-31G-XX Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31S-XX BETLUX-BL-T39G-31S-XX Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
More results

Similar Description - BL-T39G-32

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T39A-32 BETLUX-BL-T39A-32 Datasheet
328Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39C-31 BETLUX-BL-T39C-31 Datasheet
334Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39C-32 BETLUX-BL-T39C-32 Datasheet
335Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31 BETLUX-BL-T39G-31 Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39I-31 BETLUX-BL-T39I-31 Datasheet
330Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39E-32 BETLUX-BL-T39E-32 Datasheet
332Kb / 5P
   10.0mm (0.39) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-M346RD BRIGHT-BT-M346RD Datasheet
148Kb / 3P
   0.39(10.0MM)THREE DIGIT LED DISPLAY
logo
BetLux Electronics
BL-SS39C-12 BETLUX-BL-SS39C-12 Datasheet
418Kb / 7P
   10.0mm (0.39) Single digit numeric series, SMD DISPLAY
logo
Fairchild Semiconductor
MSD4H13C FAIRCHILD-MSD4H13C Datasheet
343Kb / 6P
   10.0mm (0.39 inch) Two Digit NUMERIC STICK DISPLAY
logo
BetLux Electronics
BL-T39A-31 BETLUX-BL-T39A-31 Datasheet
309Kb / 5P
   10.0mm (0.39) Three digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com