Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT13003DK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXT13003DK
Description  450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT13003DK Datasheet(HTML) 4 Page - Diodes Incorporated

  DXT13003DK_15 Datasheet HTML 1Page - Diodes Incorporated DXT13003DK_15 Datasheet HTML 2Page - Diodes Incorporated DXT13003DK_15 Datasheet HTML 3Page - Diodes Incorporated DXT13003DK_15 Datasheet HTML 4Page - Diodes Incorporated DXT13003DK_15 Datasheet HTML 5Page - Diodes Incorporated DXT13003DK_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DXT13003DK
Datasheet Number: DS37297 Rev. 1 - 2
4 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DXT13003DK
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage
BVCES
700
V
IC = 100µA, VBE = 0V
Collector-Emitter Breakdown Voltage
BVCEO
450
V
IC = 100µA
Emitter-Base Breakdown Voltage
BVEBO
9
V
IE = 100µA
Collector Cutoff Current
ICEV
10
µA
VCE = 700V, VBE = -1.5V
DC current transfer Static ratio (Note 12)
hFE
20
16
5
40
30
25
IC = 20mA, VCE = 10V
IC = 0.5A, VCE = 2V
IC = 1.0A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 12)
VCE(sat)
0.3
0.4
V
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
Base-Emitter Saturation Voltage (Note 12)
VBE(sat)
1.0
1.2
V
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
Output Capacitance
Cob
18
pF
VCB = 10V, f = 0.1MHz
Transition Frequency
fT
4
MHz
IC = 0.1A, VCE = 10V
Turn-on Time with Resistive Load
ton
0.35
µs
IC = 1A,VCC = 125V, IB1 = 0.2A,
IB2 = -0.2A
Storage Time with Resistive Load
ts
2.31
Fall Time with Resistive Load
tf
0.21
Note:
12. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - DXT13003DK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003DG DIODES-DXT13003DG Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003DG-13 DIODES-DXT13003DG-13 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
More results

Similar Description - DXT13003DK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
DXT13003DG DIODES-DXT13003DG Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
APT13005D DIODES-APT13005D Datasheet
558Kb / 7P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR
June 2021
APT13005S DIODES-APT13005S_15 Datasheet
369Kb / 8P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com