Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T28C-32UR-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-T28C-32UR-XX
Description  7.00mm (0.28) Three digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T28C-32UR-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-T28C-32UR-XX Datasheet HTML 1Page - BetLux Electronics BL-T28C-32UR-XX Datasheet HTML 2Page - BetLux Electronics BL-T28C-32UR-XX Datasheet HTML 3Page - BetLux Electronics BL-T28C-32UR-XX Datasheet HTML 4Page - BetLux Electronics BL-T28C-32UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T28X-32
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
7.00mm (0.28”) Three digit numeric display series
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-T28C-32S-XX
BL-T28D-32S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
50
BL-T28C-32D-XX
BL-T28D-32D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
100
BL-T28C-32UR-XX
BL-T28D-32UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
105
BL-T28C-32E-XX
BL-T28D-32E-XX
Red
GaAsP/GaP
635
2.10
2.50
55
BL-T28C-32Y-XX
BL-T28D-32Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
55
BL-T28C-32G-XX
BL-T28D-32G-XX
Green
GaP/GaP
570
2.20
2.50
50
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-T28C-32UHR-XX
BL-T28D-32UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
105
BL-T28C-32UE-XX
BL-T28D-32UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
115
BL-T28C-32YO-XX
BL-T28D-32YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
115
BL-T28C-32UY-XX
BL-T28D-32UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
115
BL-T28C-32UG-XX
BL-T28D-32UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
110
BL-T28C-32PG-XX
BL-T28D-32PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
170
BL-T28C-32B-XX
BL-T28D-32B-XX
Ultra Blue
InGaN
470
2.70
4.20
85
BL-T28C-32W-XX
BL-T28D-32W-XX
Ultra White
InGaN
/
2.70
4.20
100
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-T28C-32UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T28A-31 BETLUX-BL-T28A-31 Datasheet
596Kb / 5P
   7.00mm (0.28) Three digit Seven Segment LED display series
BL-T28A-31B BETLUX-BL-T28A-31B Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31D-0 BETLUX-BL-T28A-31D-0 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31D-1 BETLUX-BL-T28A-31D-1 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31D-10 BETLUX-BL-T28A-31D-10 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
More results

Similar Description - BL-T28C-32UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q28A-44 BETLUX-BL-Q28A-44 Datasheet
328Kb / 5P
   7.00mm (0.28) Four digit numeric display series
BL-T28A-31 BETLUX-BL-T28A-31 Datasheet
596Kb / 5P
   7.00mm (0.28) Three digit Seven Segment LED display series
logo
Ningbo Foryard Optoelec...
FYT-2831AX-00 FORYARD-FYT-2831AX-00 Datasheet
430Kb / 5P
   0.28 Inch (7.00mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BS-C281RD-B BRIGHT-BS-C281RD-B Datasheet
134Kb / 3P
   0.28(7.00MM)single DIGIT LED DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-2832AX-XX FORYARD-FYT-2832AX-XX Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYS-2811CX-00 FORYARD-FYS-2811CX-00 Datasheet
409Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
logo
Inolux Corporation
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
   0.28 Four Digit Numeric Display
logo
Ningbo Foryard Optoelec...
FYS-2811AX-00 FORYARD-FYS-2811AX-00 Datasheet
414Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
logo
BetLux Electronics
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
   7.0mm (0.28) Single digit numeric display series
logo
SunLED Corporation
DMR07C2-1 SUNLED-DMR07C2-1 Datasheet
190Kb / 4P
   7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com