Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-SS56A-11E-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-SS56A-11E-XX
Description  14.20mm (0.56) Single digit numeric display series. SMD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SS56A-11E-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-SS56A-11E-XX Datasheet HTML 1Page - BetLux Electronics BL-SS56A-11E-XX Datasheet HTML 2Page - BetLux Electronics BL-SS56A-11E-XX Datasheet HTML 3Page - BetLux Electronics BL-SS56A-11E-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LED NUMERIC DISPLAY, 1 DIGIT, SMD DISPLAY
BL-SS56X-11
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
14.20mm (0.56”) Single digit numeric display series. SMD TYPE
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-SS56A-11S-XX
BL-SS56B-11S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
30
BL-SS56A-11D-XX
BL-SS56B-11D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
45
BL-SS56A-11UR-XX
BL-SS56B-11UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
50
BL-SS56A-11E-XX
BL-SS56B-11E-XX
Red
GaAsP/GaP
635
2.10
2.50
35
BL-SS56A-11Y-XX
BL-SS56B-11Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
35
BL-SS56A-11G-XX
BL-SS56B-11G-XX
Green
GaP/GaP
570
2.20
2.50
35
Ultra Bright
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-SS56A-11UHR-X
X
BL-SS56B-11UHR-X
X
Ultra Red
AlGaInP
645
2.10
2.50
50
BL-SS56A-11UE-XX
BL-SS56B-11UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
38
BL-SS56A-11YO-XX
BL-SS56B-11YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
38
BL-SS56A-11UY-XX
BL-SS56B-11UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
38
BL-SS56A-11UG-XX
BL-SS56B-11UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
45
BL-SS56A-11PG-XX
BL-SS56B-11PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
60
BL-SS56A-11B-XX
BL-SS56B-11B-XX
Ultra Blue
InGaN
470
2.70
4.20
58
BL-SS56A-11W-XX
BL-SS56B-11W-XX
Ultra White
InGaN
/
2.70
4.20
65
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-SS56A-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11D-XX BETLUX-BL-SS20A-11D-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11E-XX BETLUX-BL-SS20A-11E-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11G-XX BETLUX-BL-SS20A-11G-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11S-XX BETLUX-BL-SS20A-11S-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
More results

Similar Description - BL-SS56A-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S56A-16 BETLUX-BL-S56A-16 Datasheet
327Kb / 5P
   14.20mm (0.56) Single digit numeric display series
BL-DS56A-21 BETLUX-BL-DS56A-21 Datasheet
174Kb / 4P
   14.20mm (0.56) Dual digit numeric display series , SMD TYPE
BL-D56A-25 BETLUX-BL-D56A-25 Datasheet
329Kb / 5P
   14.20mm (0.56) Dual digit numeric display series
BL-Q56A-51 BETLUX-BL-Q56A-51 Datasheet
328Kb / 5P
   14.20mm (0.56) 5 digit numeric display series
BL-T56U-31 BETLUX-BL-T56U-31 Datasheet
333Kb / 5P
   14.20mm (0.56) Three digit numeric display series
BL-T56A-34 BETLUX-BL-T56A-34 Datasheet
342Kb / 5P
   14.20mm (0.56) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BS-C516RD BRIGHT-BS-C516RD Datasheet
138Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-C552RD-B BRIGHT-BS-C552RD-B Datasheet
146Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-A556RD BRIGHT-BS-A556RD Datasheet
74Kb / 1P
   0.56(14.20MM)single DIGIT LED DISPLAY
logo
Micro Electronics
MU156C MICRO-ELECTRONICS-MU156C Datasheet
59Kb / 2P
   0.56 SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com