Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-10TQ045SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-10TQ045SPBF
Description  High Performance Schottky Rectifier, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10TQ045SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-10TQ045SPBF Datasheet HTML 1Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 2Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 3Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 4Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 5Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 6Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 7Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 95014
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 31-Mar-09
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D2PAK, TO-262
Outline Dimensions
Vishay High Power Products
DIMENSIONS FOR D2PAK in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - VS-10TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 10 A
Revision: 12-Mar-10
VS-10TQ045SPbF VISHAY-VS-10TQ045SPbF Datasheet
168Kb / 8P
   Schottky Rectifier, 10 A
Revision: 12-Mar-10
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
171Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
146Kb / 8P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
More results

Similar Description - VS-10TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ035HN3 VISHAY-VS-10TQ035HN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 22-Sep-17
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_V01 Datasheet
182Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10WQ045FNPBF VISHAY-VS-10WQ045FNPBF_V01 Datasheet
143Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBRB1035-M3 VISHAY-VS-MBRB1035-M3_V01 Datasheet
167Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_V01 Datasheet
146Kb / 8P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_15 Datasheet
155Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_15 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 25-Feb-14
VS-MBRB1035PBF VISHAY-VS-MBRB1035PBF_V01 Datasheet
119Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBR1035-M3 VISHAY-VS-MBR1035-M3 Datasheet
152Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 23-Nov-17
VS-MBRB1035HM3 VISHAY-VS-MBRB1035HM3_V01 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SHM3 VISHAY-VS-10TQ035SHM3_15 Datasheet
153Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 06-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com