Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-10TQ035SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-10TQ035SPBF
Description  High Performance Schottky Rectifier, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10TQ035SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-10TQ035SPBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 7Page - Vishay Siliconix VS-10TQ035SPBF_15 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-10TQ035SPbF, VS-10TQ045SPbF
www.vishay.com
Vishay Semiconductors
Revision: 21-May-14
2
Document Number: 94121
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
10 A
TJ = 25 °C
0.57
V
20 A
0.67
10 A
TJ = 125 °C
0.49
20 A
0.61
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
2
mA
TJ = 125 °C
15
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
900
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-55 to +175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
2.0
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
10TQ045S


Similar Part No. - VS-10TQ035SPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_15 Datasheet
171Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_15 Datasheet
155Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
More results

Similar Description - VS-10TQ035SPBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ035HN3 VISHAY-VS-10TQ035HN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 22-Sep-17
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_V01 Datasheet
182Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10WQ045FNPBF VISHAY-VS-10WQ045FNPBF_V01 Datasheet
143Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBRB1035-M3 VISHAY-VS-MBRB1035-M3_V01 Datasheet
167Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_V01 Datasheet
146Kb / 8P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_15 Datasheet
155Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_15 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 25-Feb-14
VS-MBRB1035PBF VISHAY-VS-MBRB1035PBF_V01 Datasheet
119Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBR1035-M3 VISHAY-VS-MBR1035-M3 Datasheet
152Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 23-Nov-17
VS-MBRB1035HM3 VISHAY-VS-MBRB1035HM3_V01 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SHM3 VISHAY-VS-10TQ035SHM3_15 Datasheet
153Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 06-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com