Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7300
Description  FineAdjust Applicator for 2.00mm Crimp Terminal, AWG 22-28
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63900-7600
Status:
Active
Description:
FineAdjust™ Applicator for 2.00mm Crimp Terminal, AWG 22-28
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above, Terminals will
accommodate the UL1007 wires
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
883906195717
Physical
Net Weight
4983.259/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639007600, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7300 MOLEX11-63801-7300 Datasheet
64Kb / 1P
   Mini-Mac Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust for Male Terminal, 18-24 AWG Wire
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
63801-7300 MOLEX11-63801-7300 Datasheet
68Kb / 1P
   TM-3000 and TM-4000 Press Adapter Kit for JAE Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
More results

Similar Description - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639007600 MOLEX-0639007600 Datasheet
33Kb / 1P
   FineAdjust Applicator for 2.00mm Crimp Terminal, AWG 22-28
08/25/2022
63900-7700 MOLEX11-63900-7700 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch Crimp Terminal, 22-26 AWG
63900-4800 MOLEX11-63900-4800 Datasheet
50Kb / 1P
   FineAdjust Applicator for Crimp Terminal, 22-30 AWG Wire
0639019600 MOLEX-0639019600 Datasheet
33Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch Female Terminals, 22-28 AWG
08/26/2022
2037028000 MOLEX-2037028000 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch iGrid Female Crimp Terminal, 22-24 AWG
08/25/2022
0639014600 MOLEX-0639014600 Datasheet
34Kb / 2P
   FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
08/26/2022
63901-4600 MOLEX11-63901-4600 Datasheet
50Kb / 1P
   FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
0639007900 MOLEX-0639007900 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.50mm Wire-to-Wire Male Crimp Terminal, 22-28 AWG Wire
08/25/2022
63900-7900 MOLEX11-63900-7900 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.50mm Wire-to-Wire Male Crimp Terminal, 22-28 AWG Wire
0639014500 MOLEX-0639014500 Datasheet
34Kb / 2P
   FineAdjust Applicator for Crimp Terminal, Male, 28 AWG, 41 Strands/44 AWG Wire
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com