Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129CQ Datasheet(PDF) 6 Page - Linear Technology

Part # LT1129CQ
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CQ Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1129CQ Datasheet HTML 2Page - Linear Technology LT1129CQ Datasheet HTML 3Page - Linear Technology LT1129CQ Datasheet HTML 4Page - Linear Technology LT1129CQ Datasheet HTML 5Page - Linear Technology LT1129CQ Datasheet HTML 6Page - Linear Technology LT1129CQ Datasheet HTML 7Page - Linear Technology LT1129CQ Datasheet HTML 8Page - Linear Technology LT1129CQ Datasheet HTML 9Page - Linear Technology LT1129CQ Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1129/LT1129-3.3/LT1129-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1129 G01
100
100k
IOUT = 500mA
VIN = 6V + 50mVRMS RIPPLE
COUT = 47µF
SOLID
TANTALUM
COUT = 3.3µF
SOLID
TANTALUM
Shutdown Pin Current
SHUTDOWN PIN VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1129 G24
10
13
6
7
8
Shutdown Pin Input Current
Adjust Pin Bias Current
Current Limit
TEMPERATURE (°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1129 G08
–25
25
100
125
VIN = 7V
VOUT = 0V
Current Limit
INPUT VOLTAGE (V)
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
5
1129 G07
1
3
6
7
VOUT = 0V
Reverse Output Current
Reverse Output Current
Ripple Rejection
Ripple Rejection
TEMPERATURE (°C)
–50
70
68
66
64
62
60
58
56
0
50
75
1129 G03
–25
25
100
125
(VIN – VOUT)AVG = 1V
VRIPPLE = 0.5VP-P
IL = 0.7A
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
0
50
75
1129 G29
–25
25
100
125
VIN = 0V
VOUT = VSENSE = 5V (LT1129-5)
VOUT = VSENSE = 3.3V (LT1129-3.3)
VOUT = VADJ = 3.75V (LT1129)
TEMPERATURE (°C)
–50
400
350
300
250
200
150
100
50
0
0
50
75
1129 G28
–25
25
100
125
VADJ = VOUT = 3.75V
OUTPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
1129 G30
2
4
6
10
13
57
9
TJ = 25°C, VIN = 0V
VOUT = VSENSE
(LT1129-3.3/LT1129-5)
VOUT = VADJ (LT1129)
CURRENT FLOWS
INTO DEVICE
LT1129-3.3
LT1129
LT1129-5
TEMPERATURE (°C)
–50
10
9
8
7
6
5
4
3
2
1
0
0
50
75
1129 G25
–25
25
100
125
VSHDN = 0V


Similar Part No. - LT1129CQ

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1129CQ LINEAR-LT1129CQ Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129CQ LINER-LT1129CQ Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129CQ-3.3 LINEAR-LT1129CQ-3.3 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com