Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1125C Datasheet(PDF) 8 Page - Linear Technology

Part # LT1125C
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125C Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1125C Datasheet HTML 4Page - Linear Technology LT1125C Datasheet HTML 5Page - Linear Technology LT1125C Datasheet HTML 6Page - Linear Technology LT1125C Datasheet HTML 7Page - Linear Technology LT1125C Datasheet HTML 8Page - Linear Technology LT1125C Datasheet HTML 9Page - Linear Technology LT1125C Datasheet HTML 10Page - Linear Technology LT1125C Datasheet HTML 11Page - Linear Technology LT1125C Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1124/LT1125
S
APPLICATI
I FOR ATIO
The LT1124 may be inserted directly into OP-270 sockets.
The LT1125 plugs into OP-470 sockets. Of course, all
standard dual and quad bipolar op amps can also be
replaced by these devices.
Matching Specifications
In many applications the performance of a system de-
pends on the matching between two op amps, rather than
the individual characteristics of the two devices. The three
op amp instrumentation amplifier configuration shown in
this data sheet is an example. Matching characteristics are
not 100% tested on the LT1124/LT1125.
Some specifications are guaranteed by definition. For
example, 70
µV maximum offset voltage implies that mis-
match cannot be more than 140
µV. 112dB (= 2.5µV/V)
CMRR means that worst case CMRR match is 106dB
Table 1. Expected Match
LT1124AC/AM
LT1124C/M
LT1125AC/AM
LT1125C/M
PARAMETER
50% YIELD
98% YIELD
50% YIELD
98% YIELD
UNITS
VOS Match, ∆VOS
LT1124
20
110
30
130
µV
LT1125
30
150
50
180
µV
Temperature Coefficient Match
0.35
1.0
0.5
1.5
µV/°C
Average Noninverting IB
618
7
25
nA
Match of Noninverting IB
722
8
30
nA
CMRR Match
126
115
123
112
dB
PSRR Match
127
118
127
114
dB
Figure 1. Test Circuit for Offset Voltage
and Offset Voltage Drift with Temperature
+
100
Ω*
50k*
50k*
15V
–15V
VOUT
VOUT = 1000VOS
*RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL
1124/25 F01
(5
µV/V). However, Table 1 can be used to estimate the
expected matching performance between the two sides of
the LT1124, and between amplifiers A and D, and between
amplifiers B and C of the LT1125.
Offset Voltage and Drift
Thermocouple effects, caused by temperature gradients
across dissimilar metals at the contacts to the input
terminals, can exceed the inherent drift of the amplifier
unless proper care is exercised. Air currents should be
minimized, package leads should be short, the two input
leads should be close together and maintained at the same
temperature.
The circuit shown in Figure 1 to measure offset voltage is
also used as the burn-in configuration for the LT1124/
LT1125, with the supply voltages increased to
±16V.


Similar Part No. - LT1125C

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1125C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com