Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1122DM Datasheet(PDF) 4 Page - Linear Technology

Part # LT1122DM
Description  Fast Settling, JFET Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122DM Datasheet(HTML) 4 Page - Linear Technology

  LT1122DM Datasheet HTML 1Page - Linear Technology LT1122DM Datasheet HTML 2Page - Linear Technology LT1122DM Datasheet HTML 3Page - Linear Technology LT1122DM Datasheet HTML 4Page - Linear Technology LT1122DM Datasheet HTML 5Page - Linear Technology LT1122DM Datasheet HTML 6Page - Linear Technology LT1122DM Datasheet HTML 7Page - Linear Technology LT1122DM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1122
VS = ± 15V, VCM = 0V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 5)
Settling Time Test Fixture
ELECTRICAL C
C
HARA TERISTICS
LT1122CC/DC
LT1122AC/BC
LT1122CS/DS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
450
1900
500
2700
µV
Average Temperature Coefficient
620
7
28
µV/°C
of Input Offset Voltage
IOS
Input Offset Current
30
600
40
900
pA
IB
Input Bias Current
230
2000
260
2700
pA
AVOL
Large Signal Voltage Gain
VOUT = ± 10V, RL ≥ 2kΩ
95
340
80
300
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ± 10V
80
98
76
96
dB
PSRR
Power Supply Rejection Ratio
VS = ± 10V to ± 17V
83
100
78
98
dB
Input Voltage Range
±10 ±10.6
± 10
± 10.6
V
VOUT
Output Voltage Swing
RL = 2kΩ
±11.3 ±12.2
± 11.3 ± 12.2
V
SR
Slew Rate
AV = – 1
45
65
35
60
V/
µs
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
+15V
1 F TANT
µ
0.1 F
µ
1 F TANT
µ
0.1 F
µ
TYPICAL SUPPLY
BYPASSING FOR
EACH AMP/BUFFER
–10V
(REGULATED)
1
2
TTL
IN
4
5
74LS00
GROUND ALL
OTHER INPUTS
+10V
(REGULATED)
6
3
SETTLING
TIME OUTPUT
(20 TIMES SUM
NODE OUTPUT)
1k
NO CONNECTION ON PINS
10, 11, 12, 14, AND 15
1N5712
+15V
–15V
1.5k
LT1223
51
+
3
2
4
7
6
8
1
7
2
5
4
51
1N5712
SUMMING
NODE
OUTPUT
–15V
+15V
*THIS RESISTOR CAN BE ADJUSTED TO
NULL OUT ALL OFFSETS AT THE SETTLING
TIME OUTPUT. THE AUTOMATED TESTER
USES A SEPARATE AUTOZERO CIRCUIT.
–15V
(MEASURE INPUT
PULSE HERE)
VIN
5.1k
1%
4
–15V
3
2
7
6
LT1122
+
2k
1%
+15V
2k
1%
DEVICE UNDER TEST
5pF
+15V
7
1
5
2
8
51
51
HA5002
79
5.1k*
1%
HA5002
4
LTC201A
LT1122•TA02
+
+
–15V


Similar Part No. - LT1122DM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
More results

Similar Description - LT1122DM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com