Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1124 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 1 Page - Linear Technology

  LT1124 Datasheet HTML 1Page - Linear Technology LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1124/LT1125
s
100% Tested Low Voltage Noise: 2.7nV/
√Hz Typ
4.2nV/
√Hz Max
s
Slew Rate: 4.5V/
µs Typ
s
Gain Bandwidth Product: 12.5MHz Typ
s
Offset Voltage, Prime Grade: 70
µV Max
Low Grade: 100
µV Max
s
High Voltage Gain: 5 Million Min
s
Supply Current Per Amplifier: 2.75mA Max
s
Common Mode Rejection: 112dB Min
s
Power Supply Rejection: 116dB Min
s
Available in 8-Pin SO Package
Dual/Quad Low Noise,
High Speed Precision Op Amps
Instrumentation Amplifier with Shield Driver
Input Offset Voltage Distribution
(All Packages, LT1124 and LT1125)
The LT
®1124 dual and LT1125 quad are high performance
op amps that offer higher gain, slew rate and bandwidth
than the industry standard OP-27 and competing OP-270/
OP-470 op amps. In addition, the LT1124/LT1125 have
lower IB and IOS than the OP-27; lower VOS and noise
than the OP-270/OP-470.
In the design, processing and testing of the device, par-
ticular attention has been paid to the optimization of the
entire distribution of several key parameters. Slew rate,
gain bandwidth and 1kHz noise are 100% tested for each
individual amplifier. Consequently, the specifications of
even the lowest cost grades (the LT1124C and the
LT1125C) have been spectacularly improved compared
to equivalent grades of competing amplifiers.
Power consumption of the LT1124 is one half of two
OP-27s. Low power and high performance in an 8-pin SO
package make the LT1124 a first choice for surface mounted
systems and where board space is restricted.
For a decompensated version of these devices, with three
times higher slew rate and bandwidth, please see the
LT1126/LT1127 data sheet.
s
Two and Three Op Amp Instrumentation Amplifiers
s
Low Noise Signal Processing
s
Active Filters
s
Microvolt Accuracy Threshold Detection
s
Strain Gauge Amplifiers
s
Direct Coupled Audio Gain Stages
s
Tape Head Preamplifiers
s
Infrared Detectors
FEATURES
DESCRIPTIO
APPLICATIO S
Protected by U.S. patents 4,775,884 and 4,837,496.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
+
1/4
LT1125
1124/25 TA01
+
+
1/4
LT1125
1/4
LT1125
–15V
15V
OUTPUT
1/4
LT1125
30k
1k
RF
3.4k
RG
100
RF
3.4k
30k
1k
5
4
6
11
7
1
3
2
10
9
8
14
13
12
+
INPUT
GUARD
GUARD
= 30 (1 + RF/RG) ≈ 1000
= 170kHz
= 400kHz
= 3.8
µV/ Hz AT OUTPUT
= 35
µV
GAIN
POWER BW
SMALL-SIGNAL BW
NOISE
VOS
RG
100
+
INPUT OFFSET VOLTAGE (
µV)
–100
10
20
30
60
1124/25 TA02
–60
– 20
VS = ± 15V
TA = 25°C
DUALS
QUADS
2316 UNITS
TESTED
758
200
100
20
0


Similar Part No. - LT1124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1124 LINER-LT1124 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com