Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1121-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1121-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1121-5 Datasheet HTML 2Page - Linear Technology LT1121-5 Datasheet HTML 3Page - Linear Technology LT1121-5 Datasheet HTML 4Page - Linear Technology LT1121-5 Datasheet HTML 5Page - Linear Technology LT1121-5 Datasheet HTML 6Page - Linear Technology LT1121-5 Datasheet HTML 7Page - Linear Technology LT1121-5 Datasheet HTML 8Page - Linear Technology LT1121-5 Datasheet HTML 9Page - Linear Technology LT1121-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1121/LT1121-3.3/LT1121-5
Reverse Output Current
Reverse Output Current
Shutdown Pin Current
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
0
50
75
1121 G13
–25
25
100
125
VIN = 0V
VOUT = 5V (LT1121-5)
VOUT = 3.3V (LT1121-3.3)
VOUT = 3.8V (LT1121)
OUTPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
1121 G01
2
4
6
10
13
57
9
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
LT1121-3.3
LT1121
(VOUT = VADJ)
LT1121-5
TEMPERATURE (°C)
–50
400
350
300
250
200
150
100
50
0
0
50
75
1121 G25
–25
25
100
125
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1121 G26
100
100k
COUT = 1µF
SOLID TANTALUM
COUT = 47µF
SOLID TANTALUM
IOUT = 100mA
VIN = 6V + 50mVRMS RIPPLE
TEMPERATURE (°C)
–50
400
350
300
250
200
150
100
50
0
0
50
75
1121 G19
–25
25
100
125
VIN = 7V
VOUT = 0V
LT1121
Adjust Pin Bias Current
Current Limit
Ripple Rejection
SHUTDOWN PIN VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1121 G28
10
13
6
7
8
Shutdown Pin Input Current
Current Limit
Ripple Rejection
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
2
4
5
1121 G20
1
3
6
7
VOUT = 0V
TEMPERATURE (°C)
–50
64
62
60
58
56
54
52
50
0
50
75
1121 G18
–25
25
100
125
VIN = VOUT (NOMINAL) + 1V
+ 0.5VP-P RIPPLE AT f = 120Hz
IOUT = 100mA
TEMPERATURE (°C)
–50
10
9
8
7
6
5
4
3
2
1
0
0
50
75
1121 G15
–25
25
100
125
VSHDN = 0V


Similar Part No. - LT1121-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121-5 LINER-LT1121-5 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com