Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1P6L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS1P6L
Description  Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P6L Datasheet(HTML) 2 Page - Vishay Siliconix

  SS1P6L_15 Datasheet HTML 1Page - Vishay Siliconix SS1P6L_15 Datasheet HTML 2Page - Vishay Siliconix SS1P6L_15 Datasheet HTML 3Page - Vishay Siliconix SS1P6L_15 Datasheet HTML 4Page - Vishay Siliconix SS1P6L_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS1P5L thru SS1P6L
www.vishay.com
Vishay General Semiconductor
Revision: 28-Mar-12
2
Document Number: 89063
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL - is
measured at the terminal of cathode band.
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.52
0.59
V
TA = 125 °C
0.43
0.52
Maximum reverse current
Rated VR
TA = 25 °C
IR (2)
-
100
μA
TA = 125 °C
1.6
10
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
80
-
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
SE1P5B
SE1P6D
UNIT
Typical thermal resistance
RJA (1)
125
°C/W
RJL (1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS1P6L-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS1P6L-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS1P6LHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS1P6LHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
0.2
0.4
0.6
0.8
1.0
1.2
90
100
110
120
130
140
150
Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
Resistive or Inductive Load
0
0.3
0.4
0.5
0.6
0.7
00.2
1.2
Average Forward Current (A)
0.1
0.2
0.4
0.6
0.8
1.0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T


Similar Part No. - SS1P6L_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P6L-E3/84A VISHAY-SS1P6L-E3/84A Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS1P6L-E3/85A VISHAY-SS1P6L-E3/85A Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS1P6L-M3-84A VISHAY-SS1P6L-M3-84A Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS1P6L-M3-85A VISHAY-SS1P6L-M3-85A Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS1P6LHE3/84A VISHAY-SS1P6LHE3/84A Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
More results

Similar Description - SS1P6L_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com