Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH231SP-18YI Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # MACH231SP-18YI
Description  High-Performance EE CMOS Programmable Logic
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH231SP-18YI Datasheet(HTML) 2 Page - Lattice Semiconductor

  MACH231SP-18YI Datasheet HTML 1Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 2Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 3Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 4Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 5Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 6Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 7Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 8Page - Lattice Semiconductor MACH231SP-18YI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
MACH 1 & 2 Families
Note:
1. Values in parentheses ( ) are for the SP version.
GENERAL DESCRIPTION
The MACH® 1 & 2 families from Lattice/Vantis offer high-performance, low cost Complex
Programmable Logic Devices (CPLDs), addressing the growing need for speed in networking,
telecommunications and computing. MACH 1 & 2 devices are available in speeds as fast as 5.0-ns
tPD and in densities ranging from 32 to 128 macrocells (Tables 1 and 2). The overall benefits for
users include guaranteed high performance for entry-to-mid-level logic needs at a low cost.
Notes:
1. C = Commercial, I = Industrial
2. -5 speed grade for MACH111 (SP) = 5.0 ns tPD
3. -5 speed grade for MACH131(SP) = 5.5 ns tPD
The MACH 1 & 2 families consist of ten devices—five base options, each with a counterpart that
includes JTAG-compatible in-system programming (ISP). These devices offer five different density-
I/O combinations in Thin Quad Flat Pack (TQFP), Plastic Quad Flat Pack (PQFP), and Plastic
Leaded Chip Carrier (PLCC) packages from 44 to 100 pins (Table 3). Each MACH 1 & 2 device is
PCI compliant and includes other features such as SpeedLocking architecture for guaranteed fixed
timing, Bus-Friendly inputs and I/Os, and programmable power-down mode for extra power
savings.
Table 1. MACH 1 and 2 Family Device Features 1
Feature
MACH111 (SP)
MACH131 (SP)
MACH211 (SP)
MACH221 (SP)
MACH231 (SP)
Macrocells
32
64
64
96
128
Maximum user I/O pins
32
64
32
48
64
tPD (ns)
5.0
5.5
7.5 (6.0)
7.5
6.0 (10)
tS (ns)
3.5
3.0
5.5 (5)
5.5
5 (6.5)
tCO (ns)
3.5
4
4.5 (4)
5
4 (6.5)
fCNT (MHz)
182
182
133 (166)
133
166 (100)
Table 2. MACH 1 and 2 Family Speed Grades1
Device
-5
-6
-7
-10
-12
-14
-15
-18
MACH111
C (Note 2)
C, I
C, I
C, I
I
C
I
MACH111SP
C (Note 2)
C, I
C, I
C, I
I
C
I
MACH131
C (Note 3)
C, I
C, I
C, I
I
C
I
MACH131SP
C (Note 3)
C, I
C, I
C, I
I
C
I
MACH211
C
C, I
C, I
I
C
I
MACH211SP
C
C
C, I
C, I
I
C
I
MACH221
C
C, I
C, I
I
C
I
MACH221SP
C
C, I
C, I
I
C
I
MACH231
CCC
C, I
I
C
I
MACH231SP
C
C, I
I
C
I


Similar Part No. - MACH231SP-18YI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-10JC LATTICE-MACH230-10JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-15JC LATTICE-MACH230-15JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-20JC LATTICE-MACH230-20JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH231SP-18YI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
List of Unclassifed Man...
MACH11SP ETC-MACH11SP Datasheet
193Kb / 33P
   High-Performance EE CMOS In-System Programmable Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com