Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU30P3B Datasheet(PDF) 5 Page - Ruichips Semiconductor Co., Ltd

Part # RU30P3B
Description  P-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU30P3B Datasheet(HTML) 5 Page - Ruichips Semiconductor Co., Ltd

  RU30P3B Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU30P3B Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RU30P3B
Ruichips Semiconductor Co., Ltd
Rev. A– APR., 2013
5
www.ruichips.com
Typical Characteristics
0
3
6
9
12
15
0
1
2
3
4
5
-V
DS - Drain-Source Voltage (V)
Output Characteristics
-1V
-3V
-4.5V
-8V
-10V
-6V
0
50
100
150
200
250
300
0
2
4
6
8
10
-I
D - Drain Current (A)
Drain-Source On Resistance
-10V
-4.5V
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
Drain-Source On Resistance
V
GS=-10V
I
D=-3.5A
T
J=25°C
Rds(on)=50m
Ω
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
-V
SD - Source-Drain Voltage (V)
Source-Drain Diode Forward
T
J=25°C
T
J=150°C
0
200
400
600
800
1000
1
10
100
-V
DS - Drain-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
Frequency=1.0MHz
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
Q
G - Gate Charge (nC)
Gate Charge
VDS=-24V
IDS=-3.5A


Similar Part No. - RU30P3B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RU30P3B VBSEMI-RU30P3B Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RU30P3B

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU55L18L RUICHIPS-RU55L18L Datasheet
299Kb / 9P
   P-Channel Advanced Power MOSFET
RU20P4C RUICHIPS-RU20P4C Datasheet
262Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5H RUICHIPS-RU30P5H Datasheet
294Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HL13L RUICHIPS-RU1HL13L Datasheet
298Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HP40Q RUICHIPS-RU1HP40Q Datasheet
295Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5D RUICHIPS-RU30P5D Datasheet
276Kb / 9P
   P-Channel Advanced Power MOSFET
RU4953BH RUICHIPS-RU4953BH Datasheet
394Kb / 8P
   P-Channel Advanced Power MOSFET
RU16P4M4 RUICHIPS-RU16P4M4 Datasheet
355Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P7C RUICHIPS-RU20P7C Datasheet
388Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P17M2 RUICHIPS-RU20P17M2 Datasheet
386Kb / 8P
   P-Channel Advanced Power MOSFET
RU30L15H RUICHIPS-RU30L15H Datasheet
300Kb / 9P
   P-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com