Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75116 Datasheet(PDF) 5 Page - NEC

Part # UPD75116
Description  4-Bit Single Chip-Microcomputer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116 Datasheet(HTML) 5 Page - NEC

  UPD75116 Datasheet HTML 1Page - NEC UPD75116 Datasheet HTML 2Page - NEC UPD75116 Datasheet HTML 3Page - NEC UPD75116 Datasheet HTML 4Page - NEC UPD75116 Datasheet HTML 5Page - NEC UPD75116 Datasheet HTML 6Page - NEC UPD75116 Datasheet HTML 7Page - NEC UPD75116 Datasheet HTML 8Page - NEC UPD75116 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
µPD75112(A), 75116(A)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P131
P132
P133
P120
P121
P122
P123
P00/INT4
P02/SO
P01/SCK
P03/SI
P20/PTO0
P21/PTO1
P22/PCL
P23
T11
X2
X1
P41
P40
P53
P52
P51
P50
RESET
P63
P62
P61
P60
P73
P72
P71
20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
17
18
19
P70
P83
P82
T10
PTH00
PTH01
35
34
33
64-Pin Plastic QFP (14
× 20 mm)
Pin Name
P00-P03
: Port0
SCK
: Serial Clock
P10-P13
: Port1
SO
: Serial Output
P20-P23
: Port2
SI
: Serial Input
P30-P33
: Port3
PTO0, PTO1
: Programmable Timer Output
P40-P43
: Port4
PCL
: Programmable Clock
P50-P53
: Port5
PTH00-PTH03
: Programmable Threshold Input
P60-P63
: Port6
INT0, INT1, INT4
: External Vectored Interrupt Input
P70-P73
: Port7
INT2, INT3
: External Test Input
P80-P83
: Port8
TI0, TI1
: Timer Input
P90-P93
: Port9
X1, X2
: Clock Oscillation
P120-P123
: Port12
RESET
: Reset
P130-P133
: Port13
NC
: No Connection
P140-P143
: Port14
VDD
: Positive Power Supply
VSS
: Ground
5


Similar Part No. - UPD75116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75116CW-XXX RENESAS-UPD75116CW-XXX Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
logo
NEC
UPD75116F NEC-UPD75116F Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75116FGF NEC-UPD75116FGF Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75116FGF-XXX-3BE RENESAS-UPD75116FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
UPD75116GF-XXX-3BE RENESAS-UPD75116GF-XXX-3BE Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
More results

Similar Description - UPD75116

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com