Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75064CU Datasheet(PDF) 7 Page - NEC

Part # UPD75064CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75064CU Datasheet(HTML) 7 Page - NEC

Back Button UPD75064CU Datasheet HTML 3Page - NEC UPD75064CU Datasheet HTML 4Page - NEC UPD75064CU Datasheet HTML 5Page - NEC UPD75064CU Datasheet HTML 6Page - NEC UPD75064CU Datasheet HTML 7Page - NEC UPD75064CU Datasheet HTML 8Page - NEC UPD75064CU Datasheet HTML 9Page - NEC UPD75064CU Datasheet HTML 10Page - NEC UPD75064CU Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
µPD75064, 75066, 75068, 75064(A), 75066(A), 75068(A)
2.
BLOCK DIAGRAM
BASIC
INTERVAL
TIMER
TIMER/
COUNTER
#0
SERIAL
INTERFACE
INTERRUPT
CONTROL
WATCH
TIMER
A/D
CONVERTER
INTBT
INTT0
INTCSI
INTW
TI0/P13
PTO0/P20
SI/SB1/P03
SO/SB0/P02
SCK/P01
INT0/P10
INT1/P11
INT2/P12
INT4/P00
BUZ/P23
AVREF
AVSS
ALU
ROM
PROGRAM
MEMORY
4096
× 8 BITS
( PD75064)
6016
× 8 BITS
( PD75066)
8064
× 8 BITS
( PD75068)
DECODE
AND
CONTROL
PROGRAM
COUNTER
CY
SP
BANK
GENERAL
REGISTER
RAM
DATA
MEMORY
512
× 4 BITS
BIT SEQ.
BUFFER
PORT 0
PORT 1
PORT 2
PORT 3
PORT 4
PORT 5
PORT 6
PORT 11
P00 - P03
P10 - P13
P20 - P23
P30 - P33
P40 - P43
P50 - P53
P60 - P63
P110 - P113
CLOCK
OUTPUT
CONTROL
CLOCK
DIVIDER
CLOCK GENERATOR
SUB
MAIN
STAND BY
CONTROL
fX/2N
CPU CLOCK
Φ
RESET
VSS
VDD
PCL/P22
XT1 XT2
X1 X2
KR0 - KR3
/ P60 - P63
4
8
µ
µ
µ
4
4
4
4
4
4
4
4
Note
AN0 - AN3
/ P110 - P113
AN4 - AN7
/ P60 - P63
Note
The
µPD75064 uses the program counter of a 12-bit configuration, the µPD75066 and µPD75068
use that of a 13-bit configuration.


Similar Part No. - UPD75064CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75064 RENESAS-UPD75064 Datasheet
696Kb / 70P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD75064CU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com