Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER605G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HER605G
Description  Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER605G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HER605G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER605G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER605G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER605G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
6.80
7.20
0.268
0.283
B
1.20
1.30
0.047
0.051
C
25.40
-
1.000
-
D
8.60
9.10
0.339
0.358
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1408002
Version: F14
MARKING DIAGRAM
R-6
HER601G thru HER606G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
25
50
75
100
125
150
175
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
HER606G
HER601G-HER605G
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - HER605G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER605G JGD-HER605G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rectron Semiconductor
HER605G RECTRON-HER605G Datasheet
110Kb / 7P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Taiwan Semiconductor Co...
HER605G TSC-HER605G Datasheet
70Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
DONGGUAN YOU FENG WEI E...
HER605G YFWDIODE-HER605G Datasheet
440Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Taiwan Semiconductor Co...
HER605G TSC-HER605G Datasheet
272Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER605G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_14 Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT_14 Datasheet
392Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com