Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-SS30A-11E-XX Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-SS30A-11E-XX
Description  7.8mm (0.3) Single digit numeric display series. SMD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SS30A-11E-XX Datasheet(HTML) 4 Page - BetLux Electronics

  BL-SS30A-11E-XX Datasheet HTML 1Page - BetLux Electronics BL-SS30A-11E-XX Datasheet HTML 2Page - BetLux Electronics BL-SS30A-11E-XX Datasheet HTML 3Page - BetLux Electronics BL-SS30A-11E-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LED NUMERIC DISPLAY, 1 DIGIT, SMD DISPLAY
BL-SS30X-11
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
16
3
45
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
2030
4050
6070
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta( )
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta( )
(5)


Similar Part No. - BL-SS30A-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS39A-12 BETLUX-BL-SS39A-12 Datasheet
143Kb / 4P
   LED NUMERIC DISPLAY, SMD TYPE
BL-SS39A-12B-XX BETLUX-BL-SS39A-12B-XX Datasheet
143Kb / 4P
   LED NUMERIC DISPLAY, SMD TYPE
BL-SS39A-12D-XX BETLUX-BL-SS39A-12D-XX Datasheet
143Kb / 4P
   LED NUMERIC DISPLAY, SMD TYPE
BL-SS39A-12E-XX BETLUX-BL-SS39A-12E-XX Datasheet
143Kb / 4P
   LED NUMERIC DISPLAY, SMD TYPE
BL-SS39A-12G-XX BETLUX-BL-SS39A-12G-XX Datasheet
143Kb / 4P
   LED NUMERIC DISPLAY, SMD TYPE
More results

Similar Description - BL-SS30A-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-16 BETLUX-BL-S30A-16 Datasheet
328Kb / 5P
   7.8mm (0.3) Single digit numeric display series
BL-S30A-17 BETLUX-BL-S30A-17 Datasheet
338Kb / 6P
   7.8mm (0.3) Single digit numeric display series
logo
Micro Electronics
MU131A-C MICRO-ELECTRONICS-MU131A-C Datasheet
87Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAY
logo
BetLux Electronics
BL-S30I-11 BETLUX-BL-S30I-11 Datasheet
595Kb / 10P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30C-11 BETLUX-BL-S30C-11 Datasheet
306Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30E-11 BETLUX-BL-S30E-11 Datasheet
305Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30G-11 BETLUX-BL-S30G-11 Datasheet
307Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30A-11 BETLUX-BL-S30A-11 Datasheet
310Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
logo
Inolux Corporation
HNST30 INOLUX-HNST30 Datasheet
10Mb / 18P
   0.3 Triple Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com