Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-SS20A-11Y-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-SS20A-11Y-XX
Description  5.08mm (0.2) Single digit numeric series, SMD DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SS20A-11Y-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-SS20A-11Y-XX Datasheet HTML 1Page - BetLux Electronics BL-SS20A-11Y-XX Datasheet HTML 2Page - BetLux Electronics BL-SS20A-11Y-XX Datasheet HTML 3Page - BetLux Electronics BL-SS20A-11Y-XX Datasheet HTML 4Page - BetLux Electronics BL-SS20A-11Y-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT, SMD DISPLAY
BL-SS20X-11
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.
6.9
108
5.08
0.7
3.2
10¡ã
5.76
2.4
1.44
2.14
PIN1
PIN5
PIN6
PIN10
PIN1
PIN5
PIN6
PIN10
0.9
1.2
0.8
3
3,8
3,8
5
10
9
1
2
4
6
7
7
6
4
2
1
9
10
5
BL-SS20X-11
BL-SS20X-11 Series
BL-SS20A-11
BL-SS20B-11
R0.3


Similar Part No. - BL-SS20A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS30A-11 BETLUX-BL-SS30A-11 Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11D-XX BETLUX-BL-SS30A-11D-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11E-XX BETLUX-BL-SS30A-11E-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11G-XX BETLUX-BL-SS30A-11G-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11S-XX BETLUX-BL-SS30A-11S-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
More results

Similar Description - BL-SS20A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
logo
China Semiconductor Cor...
CSS-S20122M9 CHINASEMI-CSS-S20122M9 Datasheet
230Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122V9 CHINASEMI-CSS-S20122V9 Datasheet
221Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122G CHINASEMI-CSS-S20122G Datasheet
228Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122S CHINASEMI-CSS-S20122S Datasheet
227Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122B7 CHINASEMI-CSS-S20122B7 Datasheet
223Kb / 7P
   0.2 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com