Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S700A-11G-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S700A-11G-XX
Description  180.0mm (7.0) Single digit display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S700A-11G-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S700A-11G-XX Datasheet HTML 1Page - BetLux Electronics BL-S700A-11G-XX Datasheet HTML 2Page - BetLux Electronics BL-S700A-11G-XX Datasheet HTML 3Page - BetLux Electronics BL-S700A-11G-XX Datasheet HTML 4Page - BetLux Electronics BL-S700A-11G-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S700X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
u
Packing and weighting
700 g/pcs
Maximum
1pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S700A-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S700A-11G BETLUX-BL-S700A-11G Datasheet
84Kb / 4P
   180.0mm (7.0) Single digit display series
More results

Similar Description - BL-S700A-11G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S700A-11S BETLUX-BL-S700A-11S Datasheet
84Kb / 4P
   180.0mm (7.0) Single digit display series
logo
Broadcom Corporation.
HDSM-281B BOARDCOM-HDSM-281B Datasheet
446Kb / 10P
   0.28-in. (7.0-mm) Single-Digit Surface-Mount LED Display
logo
List of Unclassifed Man...
C-1801X ETC-C-1801X Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
C-5001H ETC-C-5001H Datasheet
80Kb / 1P
   SINGLE DIGIT DISPLAY
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
C-1021X ETC-C-1021X Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
C-1501X ETC-C-1501X Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Visual Communications C...
VAOS-C-A402G9 VCC-VAOS-C-A402G9 Datasheet
204Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-C-A301S9 VCC-VAOS-C-A301S9 Datasheet
318Kb / 4P
   SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-3001 ETC1-C-3001 Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com