Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-SS20A-11 Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-SS20A-11
Description  5.08mm (0.2) Single digit numeric series, SMD DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SS20A-11 Datasheet(HTML) 5 Page - BetLux Electronics

  BL-SS20A-11 Datasheet HTML 1Page - BetLux Electronics BL-SS20A-11 Datasheet HTML 2Page - BetLux Electronics BL-SS20A-11 Datasheet HTML 3Page - BetLux Electronics BL-SS20A-11 Datasheet HTML 4Page - BetLux Electronics BL-SS20A-11 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT, SMD DISPLAY
BL-SS20X-11
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
1 Reel/Bag
3000pcs/Reel
Maximum
10
Bags/Inner Box
3
Inner
Box/Box
9
Inner
Box/Box


Similar Part No. - BL-SS20A-11

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS30A-11 BETLUX-BL-SS30A-11 Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11D-XX BETLUX-BL-SS30A-11D-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11E-XX BETLUX-BL-SS30A-11E-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11G-XX BETLUX-BL-SS30A-11G-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
BL-SS30A-11S-XX BETLUX-BL-SS30A-11S-XX Datasheet
167Kb / 4P
   7.8mm (0.3) Single digit numeric display series. SMD TYPE
More results

Similar Description - BL-SS20A-11

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
logo
China Semiconductor Cor...
CSS-S20122M9 CHINASEMI-CSS-S20122M9 Datasheet
230Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122V9 CHINASEMI-CSS-S20122V9 Datasheet
221Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122G CHINASEMI-CSS-S20122G Datasheet
228Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122S CHINASEMI-CSS-S20122S Datasheet
227Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122B7 CHINASEMI-CSS-S20122B7 Datasheet
223Kb / 7P
   0.2 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com