Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1103CT7 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1103CT7
Description  Offline Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1103CT7 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1103CT7 Datasheet HTML 7Page - Linear Technology LT1103CT7 Datasheet HTML 8Page - Linear Technology LT1103CT7 Datasheet HTML 9Page - Linear Technology LT1103CT7 Datasheet HTML 10Page - Linear Technology LT1103CT7 Datasheet HTML 11Page - Linear Technology LT1103CT7 Datasheet HTML 12Page - Linear Technology LT1103CT7 Datasheet HTML 13Page - Linear Technology LT1103CT7 Datasheet HTML 14Page - Linear Technology LT1103CT7 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LT1103/LT1105
PIN FUNCTIONS
LT1103
FB: The Feedback pin is the inverting input to the sampling
error amplifier. The noninverting input is tied to a 4.5V
reference. The FB pin is used for output voltage sensing.
The input bias current is a function of the control pin VC
voltage and can be used for load regulation compensation
by including a resistor in series with the FB pin. The
sampling error amplifier has a typical gm of 0.012 mhos
and the output of the sampling error amplifier has asym-
metrical slew rate to reduce overshoot during start-up
conditions or following the release of an output overload.
VC: The VC control pin is used for frequency compensa-
tion, current limiting and shutdown. It is the high imped-
ance output of the sampling error amplifier and the input
of the current limit comparator.
GND: The Ground pin acts as both the negative sense
point for the internal sampling error amplifier feedback
signal and as the high current path for the 2A switch.
Also, the case of the 7-lead TO-220 is connected to
ground. Proper connections to ground for signal paths
and high current paths must be made in order to insure
good load regulation.
OSC: The Oscillator pin sets the operating frequency of the
regulator with one external capacitor to ground. Maximum
duty cycle can also be adjusted by using an external
resistor to alter the charge/discharge ratio.
VIN: The Input Supply pin is designed to operate with
voltages of 12V to 30V. The supply current is typically
200
µA up to the start-up threshold of 16V. Normal oper-
ating supply current is fairly flat at 18mA down to the
shutdown threshold of 7V. Switching is inhibited for VIN
less than 12V due to the gate drive detection circuit.
15V: A 15V reference is used to bias the gate of an external
power FET. The voltage temperature coefficient is typically
3mV/
°C and the output can source 30mA. Typical dropout
voltage is 1.5V for VIN less than 17V and 30mA of load
current.
VSW: The Switch Output pin is the collector of the internal
NPN power switch. This pin has a typical ON resistance of
0.4
Ω and a minimum breakdown voltage of 50V. This pin
also ties to the FET gate drive detection circuit.
LT1105
All functions on the LT1105 are equivalent to the LT1103
with the exception of the VSW pin and the ILIM pin and the
availability of the OVLO, 5V, and SS functions.
OVLO: The Overvoltage Lockout pin inhibits switching
when the pin is pulled above its threshold voltage of 2.5V.
OVLO is implemented with a resistor divider network from
the rectified DC line and is used to protect the external FET
from an overvoltage condition in the off state. This func-
tion is only available on the 14-lead PDIP.
5V: A 5V reference is available to power primary-side
circuitry. The temperature coefficient is typically
50ppm/
°C and the output can source 25mA. This func-
tion is only available on the 14-lead PDIP.
SS: The Soft-Start pin is used to either program start-up
time with a capacitor to ground or to set external current
limit with a resistor divider. The SS pin has a 40
µA pull-up
current and is reset to 0V by a 1mA pull-down current
during start-up and shutdown. This function is only avail-
able on the 14-lead PDIP.
VSW: The Switch Output pin is the output of a 1A NPN
totem-pole stage. The VSW pin turns the external FET on by
pulling its gate high. Break-Before-Make action of 200ns
on each switch edge is built in to eliminate cross conduc-
tion currents.
ILIM: The ILIM pin is the input to the current limit amplifier
and requires the use of a noninductive, power sense
resistor from ILIM to ground to set current limit. The typical
current limit threshold voltage is 350mV. The typical input
bias current is 100
µA out of the pin.


Similar Part No. - LT1103CT7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
More results

Similar Description - LT1103CT7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
HF900 MPS-HF900 Datasheet
790Kb / 25P
   900V Offline Switching Regulator
logo
NTE Electronics
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
   OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
   Thick Film Hybrid IC Offline Switching Regulator
STK73605I SANYO-STK73605I Datasheet
72Kb / 2P
   OFFLINE SWITCHING
STK7458 SANYO-STK7458 Datasheet
180Kb / 5P
   OFFLINE SWITCHING
logo
Linkage Goston Electron...
DK125 LINKAGE-DK125 Datasheet
2Mb / 13P
   Offline switching power core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com