Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1078IN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1078IN8
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078IN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1078IN8 Datasheet HTML 7Page - Linear Technology LT1078IN8 Datasheet HTML 8Page - Linear Technology LT1078IN8 Datasheet HTML 9Page - Linear Technology LT1078IN8 Datasheet HTML 10Page - Linear Technology LT1078IN8 Datasheet HTML 11Page - Linear Technology LT1078IN8 Datasheet HTML 12Page - Linear Technology LT1078IN8 Datasheet HTML 13Page - Linear Technology LT1078IN8 Datasheet HTML 14Page - Linear Technology LT1078IN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1078/LT1079
APPLICATIONS INFORMATION
difference is critical because in many applications these
competing devices cannot be operated as micropower op
amps and swing to ground simultaneously.
As an example, consider the instrumentation amplifier
shown on the front page. When the common mode signal
is low and the output is high, amplifier A has to sink
current. When the common mode signal is high and the
output low, amplifier B has to sink current. The competing
devices require a 12k pull-down resistor at the output of
amplifier A and a 15k at the output of B to handle the
specified signals. (The LT1078 does not need pull-down
resistors.) When the common mode input is high and the
output is high these pull-down resistors draw 300
µA (150µA
each), which is excessive for micropower applications.
The instrumentation amplifier is by no means the only
application requiring current sinking capability. In seven
of the nine single supply applications shown in this data
sheet the op amps have to be able to sink current. In two
of the applications the first amplifier has to sink only the
6nA input bias current of the second op amp. The compet-
ing devices, however, cannot even sink 6nA without a pull-
down resistor
Since the output of the LT1078/LT1079 cannot go exactly
to ground, but can only approach ground to within a few
millivolts, care should be exercised to ensure that the
output is not saturated. For example, a 1mV input signal
will cause the amplifier to set up in its linear region in the
gain 100 configuration shown in Figure 1a, but is not
Single supply operation can also create difficulties at the
input. The driving signal can fall below 0V — inadvertently
or on a transient basis. If the input is more than a few
hundred millivolts below ground, two distinct problems
can occur on previous single supply designs, such as the
LM124, LM158, OP-20, OP-21, OP-220, OP-221, OP-420
(1 and 2), OP-90/290/490 (2 only):
1. When the input is more than a diode drop below ground,
unlimited current will flow from the substrate (V
terminal) to the input. This can destroy the unit. On the
LT1078/LT1079, resistors in series with the input protect
the devices even when the input is 5V below ground.
2. When the input is more than 400mV below ground (at
25
°C), the input stage saturates and phase reversal
occurs at the output. This can cause lockup in servo
systems. Due to a unique phase reversal protection cir-
cuitry, the LT1078/LT1079 output does not reverse, as
illustrated in Figure 2, even when the inputs are at –1V.
enough to make the amplifier function properly in the
voltage follower mode, Figure 1b.
Figure 1a. Gain 100 Amplifier
+
5V
1mV
R
99R
100mV
LT1078/79 • F01a
+
5V
1mV
OUTPUT
SATURATED
≈ 3.5mV
LT1078/79 • F01b
Figure 1b. Voltage Follower
Figure 2. Voltage Follower with Input Exceeding the Negative Common Mode Range (VS = 5V, 0V)
2V
0V
6VP-P INPUT
1ms/DIV
–1V TO 5V
LT1078/79 • F02a
1ms/DIV
LT1078/LT1079 NO PHASE REVERSAL
LT1078/79 • F02C
2V
0V
4V
1ms/DIV
OP-90 EXHIBITS OUTPUT PHASE REVERSAL
LT1078/79 • F02b
2V
0V
4V
4V


Similar Part No. - LT1078IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078IN8 LINER-LT1078IN8 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1078IN8

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com