Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-Q50A-61S-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-Q50A-61S-XX
Description  12.70mm (0.5) 6 digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q50A-61S-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-Q50A-61S-XX Datasheet HTML 1Page - BetLux Electronics BL-Q50A-61S-XX Datasheet HTML 2Page - BetLux Electronics BL-Q50A-61S-XX Datasheet HTML 3Page - BetLux Electronics BL-Q50A-61S-XX Datasheet HTML 4Page - BetLux Electronics BL-Q50A-61S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q50X-61
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
12.70mm (0.5”) 6 digit numeric display series
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-Q50A-61S-XX
BL-Q50B-61S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
115
BL-Q50A-61D-XX
BL-Q50B-61D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
120
BL-Q50A-61UR-XX
BL-Q50B-61UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
165
BL-Q50A-61E-XX
BL-Q50B-61E-XX
Red
GaAsP/GaP
635
2.10
2.50
120
BL-Q50A-61Y-XX
BL-Q50B-61Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
120
BL-Q50A-61G-XX
BL-Q50B-61G-XX
Green
GaP/GaP
570
2.20
2.50
120
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-Q50A-61UHR-XX
BL-Q50B-61UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
165
BL-Q50A-61UE-XX
BL-Q50B-61UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
145
BL-Q50A-61YO-XX
BL-Q50B-61YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
145
BL-Q50A-61UY-XX
BL-Q50B-61UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
145
BL-Q50A-61UG-XX
BL-Q50B-61UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
145
BL-Q50A-61PG-XX
BL-Q50B-61PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
195
BL-Q50A-61B-XX
BL-Q50B-61B-XX
Ultra Blue
InGaN
470
2.70
4.20
125
BL-Q50A-61W-XX
BL-Q50B-61W-XX
Ultra White
InGaN
/
2.70
4.20
150
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-Q50A-61S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q50A-41 BETLUX-BL-Q50A-41 Datasheet
320Kb / 5P
   12.70mm (0.5) Four digit and Over Seven Segment LED display series
BL-Q50A-41B BETLUX-BL-Q50A-41B Datasheet
132Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q50A-41D BETLUX-BL-Q50A-41D Datasheet
132Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q50A-41D-XX BETLUX-BL-Q50A-41D-XX Datasheet
320Kb / 5P
   12.70mm (0.5) Four digit and Over Seven Segment LED display series
BL-Q50A-41E BETLUX-BL-Q50A-41E Datasheet
132Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q50A-61S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T50G-31 BETLUX-BL-T50G-31 Datasheet
326Kb / 5P
   12.70mm (0.50) Three digit numeric display series
BL-T50E-31 BETLUX-BL-T50E-31 Datasheet
328Kb / 5P
   12.70mm (0.50) Three digit numeric display series
BL-D50A-24 BETLUX-BL-D50A-24 Datasheet
346Kb / 5P
   12.70mm (0.50) Dual digit numeric display series
logo
Inolux Corporation
HNTD50 INOLUX-HNTD50 Datasheet
1Mb / 17P
   0.5 Dual Digit Numeric Display
logo
SunLED Corporation
DUR12A SUNLED-DUR12A Datasheet
176Kb / 4P
   12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUY12A SUNLED-DUY12A Datasheet
178Kb / 4P
   12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
DUR12C SUNLED-DUR12C Datasheet
177Kb / 4P
   12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DMR12C SUNLED-DMR12C Datasheet
176Kb / 4P
   12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
DUG12C SUNLED-DUG12C Datasheet
177Kb / 4P
   12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUG12A SUNLED-DUG12A Datasheet
177Kb / 4P
   12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com