Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER307 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER307
Description  3.0AMPS High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER307 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER307 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER307 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER307 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER307 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:F13
RATINGS AND CHARACTERISTIC CURVES (HER301 THRU HER307)
0
1
2
3
4
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
TA=25℃
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=100℃
TA=75℃
0
25
50
75
100
125
150
175
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
HER306-HER307
HER301-HER305
TA=25℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
HER306-HER307
HER305
HER301-HER304
TA=25℃


Similar Part No. - HER307

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HER307 EIC-HER307 Datasheet
55Kb / 2P
   HIGH EFFICIENT
logo
Mospec Semiconductor
HER307 MOSPEC-HER307 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Yangzhou yangjie electr...
HER307 YANGJIE-HER307 Datasheet
209Kb / 2P
   High Efficient Rectifier
logo
Microdiode Electronics ...
HER307 CHENDA-HER307 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
logo
Micro Commercial Compon...
HER307 MCC-HER307 Datasheet
89Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER307

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_13 Datasheet
434Kb / 4P
   3.0AMPS High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB_13 Datasheet
442Kb / 4P
   3.0AMPS High Efficient Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
HS3A CHONGQING-HS3A Datasheet
178Kb / 1P
   3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
1N5400 CHONGQING-1N5400_16 Datasheet
178Kb / 1P
   3.0AMPS . SILICON RECTIFIERS
HER301 CHONGQING-HER301_16 Datasheet
194Kb / 1P
   3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
   3.0AMPS . FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com