Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER151G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER151G
Description  1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER151G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER151G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER151G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER151G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER151G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
HER158G
(TA=25°C unless otherwise noted)
Document Number: DS_D0000069
Version: G15
Green compound
HER158G A0G
A0
G
Note 1: "x" defines voltage from 50V (HER151G) to 1000V (HER158G)
EXAMPLE
PREFERRED P/N
PACKING CODE
DESCRIPTION
B0
DO-15
1000 / Bulk packing
1500 / Ammo box
PACKING
A0
G
DO-15
R0
DO-15
PACKING CODE
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
HER151G - HER158G
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
3,500 / 13" Paper reel
PACKAGE
HER15xG
(Note 1)
0
1
2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3mS Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
TJ=75°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
HER156G-HER158G
HER155G
HER151G-HER154G


Similar Part No. - HER151G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER151G DACHANG-HER151G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Frontier Electronics.
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G Datasheet
267Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER151G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
HDBLS101G TMT-HDBLS101G_16 Datasheet
406Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
HER157G-K TSC-HER157G-K Datasheet
399Kb / 6P
   1.5A, 800V - 1000V Glass Passivated High Efficient Rectifier
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER301G-K TSC-HER301G-K Datasheet
432Kb / 7P
   3A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER151G-T TSC-HER151G-T Datasheet
408Kb / 6P
   1.5A, 50V - 600V Glass Passivated High Efficient Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com