Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR107 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR107
Description  Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR107 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR107 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR107 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR107 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR107 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, Low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
250
ns
Cj
pF
TJ
OC
TSTG
OC
Note1: Pulse Test with PW=300μs, 1% Duty Cycle
Note2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1406005
Version: F14
OC/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Typical Thermal Resistance
RθJC
RθJA
8
65
Maximum reverse recovery time (Note 2)
150
500
Typical junction capacitance (Note 3)
10
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
1.2
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
FR
105
FR
106
FR
107
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.3 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
FR
101
FR
102
FR
103
FR
104
FR101 thru FR107
Taiwan Semiconductor
Fast Recovery Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA


Similar Part No. - FR107

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR107 SURGE-FR107 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Formosa MS
FR107 FORMOSA-FR107 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR107 CHENG-YI-FR107 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
FR107 GOOD-ARK-FR107 Datasheet
194Kb / 3P
   FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR107 CHENDA-FR107 Datasheet
630Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR107

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com