Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1078I Datasheet(PDF) 2 Page - Linear Technology

Part # LT1078I
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078I Datasheet(HTML) 2 Page - Linear Technology

  LT1078I Datasheet HTML 1Page - Linear Technology LT1078I Datasheet HTML 2Page - Linear Technology LT1078I Datasheet HTML 3Page - Linear Technology LT1078I Datasheet HTML 4Page - Linear Technology LT1078I Datasheet HTML 5Page - Linear Technology LT1078I Datasheet HTML 6Page - Linear Technology LT1078I Datasheet HTML 7Page - Linear Technology LT1078I Datasheet HTML 8Page - Linear Technology LT1078I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1078/LT1079
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range
LT1078AM/LT1078M/
LT1079AM/LT1079M ............................ – 55
°C to 125°C
LT1078I/LT1079I .................................... – 40
°C to 85°C
LT1078AC/LT1078C/LT1078S8/
LT1079AC/LT1079C .................................... 0
°C to 70°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
Supply Voltage ......................................................
±22V
Differential Input Voltage .......................................
±30V
Input Voltage ............... Equal to Positive Supply Voltage
............ 5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range
All Grades ......................................... – 65
°C to 150°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE
8-LEAD DIP PIN LOCATIONS. INSTEAD, IT FOLLOWS
THE INDUSTRY STANDARD LT1013DS8 SO PACKAGE
CONFIGURATION. FOR SIMILAR PERFORMANCE WITH
TRADITIONAL DIP PINOUT, SEE THE LT2078
ORDER PART NUMBER
ORDER PART NUMBER
LT1078ACH
LT1078MH
LT1078ACN8
LT1078AMJ8
LT1078CN8
LT1078IN8
LT1078MJ8
LT1078IS8
LT1078S8
ORDER PART NUMBER
PART MARKING
1078
TJMAX = 150°C, θJA = 100°C/ W (J8)
TJMAX = 100°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 150°C/ W, θJC = 45°C/ W
TOP VIEW
OUT B
V+
OUT A
–IN A
–IN B
+IN B
+IN A
V(CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
AB
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERAMIC DIP
A
B
LT1079ACN
LT1079CN
LT1079IN
LT1079MJ
TOP VIEW
N PACKAGE
14-LEAD PDIP
J PACKAGE
14-LEAD CERAMIC DIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 100°C/ W (J)
TJMAX = 110°C, θJA = 130°C/ W (N)
LT1079ISW
LT1079SW
TJMAX = 110°C, θJA = 220°C/ W
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
A
D
B
C
NOTE: FOR 14-PIN NARROW
PACKAGE SEE THE LT2079
TJMAX = 110°C, θJA = 150°C/ W


Similar Part No. - LT1078I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078IN8 LINER-LT1078IN8 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078IS8 LINER-LT1078IS8 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1078I

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com